Electronic Components Datasheet Search
  English  ▼

X  

D911SH Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # D911SH
Description  Full blocking capability 50/60Hz over a wide temperature range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D911SH Datasheet(HTML) 2 Page - Infineon Technologies AG

  D911SH Datasheet HTML 1Page - Infineon Technologies AG D911SH Datasheet HTML 2Page - Infineon Technologies AG D911SH Datasheet HTML 3Page - Infineon Technologies AG D911SH Datasheet HTML 4Page - Infineon Technologies AG D911SH Datasheet HTML 5Page - Infineon Technologies AG D911SH Datasheet HTML 6Page - Infineon Technologies AG D911SH Datasheet HTML 7Page - Infineon Technologies AG D911SH Datasheet HTML 8Page - Infineon Technologies AG D911SH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Schnelle beschaltungslose Diode
Fast Hard Drive Diode
Technische Information /
technical information
D911SH
Revision: 10.1
Seite/page 2/11
Date of Publication: 2015-01-04
Elektrische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Rückwärts-Spitzensperrspannung
repetitive peak reverse voltage
Tvj = 0°C... Tvj max
VRRM
4500 V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
Tc = 85°C
IFRMSM
1400 A
Dauergrenzstrom
average on-state current
TC = 85°C, f=50Hz
TC = 70°C, f=50Hz
TC = 55°C, f=50Hz
IFAVM
890
1040
1160
A
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
17000 A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
1445 10³ A²s
Max. Ausschaltverluste
max. turn-off losses
Tvj = Tvjmax
IFM = 2500A, VCL = 2800V
clamp circuit LS ≤ 0,25µH
RCL = 68, CCL = 3µF
DCL = 34DSH65
PRQ
4 MW
Charakteristische Werte / Characteristic values
Gleichsperrspannung
continuous direct reverse voltage
failure rate
 < 100
VR(D)
estimate
value
2800 V
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 2500A
vF
typ.
max.
5,8
6,0
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
1,88
2,02
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
max.
1,568
1,592
m
Ω
m
Ω
Durchlaßkennlinie
200A
 i
F  3000A
on-state characteristic
Tvj = Tvj max
typ.
A
1,334
B
0,000167
C
-0,314
D
0,1302
max.
A
1,39
B
0,000191
C
-0,303
D
0,1308
Spitzenwert der Durchlassverzögerungsspannung
peak value of forward recovery voltage
Tvj = Tvjmax, diF/dt = 5000A/µs
IFM = 4000A
VFRM
typ.
350 V
Sperrstrom
reverse current
Tvj = Tvj max, vR = VRRM
iR
max.
100 mA
Sperrverzögerungsladung
recovered charge
Tvj = Tvjmax
IFM = 2500A, VCL = 2800V,
-di/dt = 1000A/µs
clamp circuit LS ≤ 0,25µH,
RCL = 68Ω, CCL = 3µF,
DCL = 34DSH65,
Qr
max.
2,8 mAs
Rückstromspitze
peak reverse recovery current
IRM
max.
1200 A
Ausschaltverlust Energie
turn-off energy
WRQ
max.
5 Ws
Abklingsanftheit
reverse recovery softness factor
Tvj = Tvjmax
IFM = 2500A, VR = 2800 V,
-dirr/dt(i=0)
rf = 200ns
FRRS
typ.
2,5
prepared by: TM
date of publication:
2015-01-04
approved by: JP
revision:
10.1
F
F
F
F
i
D
1)
i
(
Ln
C
i
B
A
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com