Electronic Components Datasheet Search
  English  ▼

X  

D2201N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # D2201N
Description  Full blocking capability 50/60Hz over a wide temperature range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D2201N Datasheet(HTML) 2 Page - Infineon Technologies AG

  D2201N Datasheet HTML 1Page - Infineon Technologies AG D2201N Datasheet HTML 2Page - Infineon Technologies AG D2201N Datasheet HTML 3Page - Infineon Technologies AG D2201N Datasheet HTML 4Page - Infineon Technologies AG D2201N Datasheet HTML 5Page - Infineon Technologies AG D2201N Datasheet HTML 6Page - Infineon Technologies AG D2201N Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Umschwingdiode
Crow Bar Diode
Technische Information /
technical information
D2201N
Date of Publication: 2014-06-01
Revision: 7.1
Seite/page 2/7
Kenndaten
Elektrische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
Periodische Rückwärts-Spitzensperrspannung
repetitive peak reverse voltage
Tvj = -40°C... Tvj max
VRRM
4500 V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
TC = 100 °C
IFRMSM
3240 A
Dauergrenzstrom
average on-state current
TC = 100 °C
TC = 85 °C
TC = 55 °C
IFAVM
2060
2510
3250
A
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
38000
35000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
7220
6125
10³ A²s
10³ A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 2500 A
vF
typ.
max.
1,17
1,20
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
0,657
0,688
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
max.
0,206
0,205
m
Ω
m
Ω
Durchlaßkennlinie
300A
 i
F  3000A
O-state characteristic
Tvj = Tvj max
typ.
A 0,7015
B 0,00000692
C -0,0473
D 0,0165
max.
A 0,699
B -0,000016
C -0,0441
D 0,01774
Rückwärts-Sperrstrom
reverse current
Tvj = Tvj max, vR = VRRM
iR
max.
100 mA
prepared by:
TM
date of publication:
2014-06-01
approved by:
JP
revision:
7.1
F
F
F
F
i
D
1)
i
(
Ln
C
i
B
A
v



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com