Electronic Components Datasheet Search
  English  ▼

X  

CMDBW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMDBW
Description  40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDBW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMDBW Datasheet HTML 1Page - Wall Industries,Inc. CMDBW Datasheet HTML 2Page - Wall Industries,Inc. CMDBW Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDBW Series
40 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Range
Output
Voltage
Min. Load
Full Load
Output
(6)
Ripple & Noise
No load
(7)
Full Load
(8)
Eff.
(9)
Max Capacitive
Load
(10)
CMDBW24S3.3-33
3.3 VDC
0mA
10,000mA
50mVp-p
80mA
1677mA
86%
25,750µF
CMDBW24S5-40
5 VDC
0mA
8000mA
50mVp-p
100mA
1984mA
88%
13,600µF
CMDBW24S12-40
12 VDC
0mA
3333mA
75mVp-p
100mA
1984mA
88%
2360µF
CMDBW24S15-40
24VDC
(9 – 36 VDC)
15 VDC
0mA
2666mA
75mVp-p
110mA
1984mA
88%
1510µF
CMDBW48S3.3-33
3.3 VDC
0mA
10,000mA
50mVp-p
50mA
838mA
86%
25,750µF
CMDBW48S5-40
5 VDC
0mA
8000mA
50mVp-p
50mA
992mA
88%
13,600µF
CMDBW48S12-40
12 VDC
0mA
3333mA
75mVp-p
70mA
992mA
88%
2360µF
CMDBW48S15-40
48VDC
(18 – 75 VDC)
15 VDC
0mA
2666mA
75mVp-p
70mA
992mA
88%
1510µF
NOTES
1. The ON/OFF control function: There are positive (standard) and negative logic (option). The pin voltage is referenced to negative input.
To order negative logic ON/OFF control add the suffix “R” to the part number (Ex: CMDBW48S5-40R)
2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
MIL-STD-217F Notice2 @ Ta=25°C, Full Load (Ground, Benign, controlled environment).
3. Heat sink is optional. Please call factory for ordering details.
4. Output ripple & noise measured with a 0.1µF/50V MLCC.
5. Typical Value at nominal input voltage.
6. Maximum value at nominal input voltage and full load
7. Typical Value at nominal input voltage and full load.
8. Test by minimum Vin and constant resistive load.
9. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
DERATING CURVES & EFFICIENCY GRAPHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com