Electronic Components Datasheet Search
  English  ▼

X  

DBW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DBW
Description  Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DBW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DBW Datasheet HTML 1Page - Wall Industries,Inc. DBW Datasheet HTML 2Page - Wall Industries,Inc. DBW Datasheet HTML 3Page - Wall Industries,Inc. DBW Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DBW Series
Single and Dual Outputs
40 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev C
FEATURES
● High Efficiency up to 88%
● RoHS Directive Compliant
● Fixed Switching Frequency
● Six-Sided Continuous Shield
● Standard 2” x 2” x 0.4” Package
● Options: Negative Remote ON/OFF
● 4:1 Ultra Wide Input Voltage Range
● ISO9001 Certified Manufacturing Facilities
● UL60950-1, EN60950-1, and IEC60950-1 Licensed
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
DESCRIPTION
The DBW series of DC/DC converters offers 40 Watts of output power in a 2 x 2 x 0.4 inch package. The DBW series has a 4:1 ultra wide
input range of 9-36VDC or 18-75VDC. This series also offers single and dual output models. Some features include 1600VDC isolation,
positive or negative remote on/off, and six-sided shielding. All models are short circuit, over voltage, over load, and over temperature
protected. Heatsinks are also available, please call factory for ordering details
.
SPECIFICATIONS: DBW Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input ........................ 9 - 36VDC
48V nominal input ...................... 18 - 75VDC
Input Filter ....................................................................................... Pi Type
Input Surge Voltage (100ms max) ............... 24V input ...................50VDC
48V input .................100VDC
Input Reflected Ripple Current (nominal Vin and FL) ...................20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up.............................................................................20ms, max.
Remote ON/OFF .................................................................20ms, max.
Start-Up Voltage .................. 24V nominal input ................................9VDC
48V nominal input ..............................18VDC
Shutdown Voltage ................ 24V nominal input ................................8VDC
48V nominal input ..............................16VDC
Remote ON/OFF (See Note 10)
Positive Logic ................. DC-DC ON ................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Negative Logic................ DC-DC ON ...............Short or 0V < Vr < 1.2V
DC-DC OFF ..............Open or 3V < Vr < 12V
Input Current of Remote Control Pin (nominal Vin) .......... -0.5mA~+0.5mA
Remote Off State Input Current ........... 24V nominal input................ 10mA
48V nominal input.................. 5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nom Vin and full load) ........................................... ±1%
Voltage Adjustability (See Note 7) ..................................................... ±10%
Output Current ..............................................................................see table
Output Power ....................................................................... 40 watts, max.
Line Regulation (LL to HL at FL) ....................................................... ±0.2%
Load Regulation (See Note 8) ..................... Single Output............. ±0.5%
(min. load to full load)
Dual Output ................... ±1%
Load Cross Regulation (See Note 9) ........... Dual Output ................... ±5%
Minimum Load (See Note 6) .........................................................see table
Ripple/Noise (See Note 4) ............................................................see table
Transient Response Recovery Time................................................. 250µs
(25% load step change)
PROTECTION SPECIFICATIONS
Over Voltage Protection ................................... 3.3V Output................. 3.9V
(Zener diode clamp)
5V Output.................... 6.2V
12V Output................... 15V
15V Output................... 18V
±12V Output............... ±15V
±15V Output............... ±18V
Over Load Protection (% of FL at nominal input) ...................... 150%, max.
Short Circuit Protection...................................... Hiccup, automatic recovery
Over Temperature Protection ......................................................110°C, typ.
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency ................................................................300KHz, typ.
Isolation Voltage
Input to Output .................................................................. 1600VDC, min.
Input to Case .................................................................... 1600VDC, min.
Output to Case.................................................................. 1600VDC, min.
Case Grounding .......................connect case to -Vin with decoupling Y cap
Isolation Resistance .....................................................................10
9Ω, min.
Isolation Capacitance ............................................................ 2500pF, max.
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature ............. -40°C to +50°C (without derating)
+50°C to +105°C (with derating)
Storage Temperature .......................................................... -55°C ~ +125°C
Maximum Case Temperature ........................................................... +105°C
Relative Humidity...................................................................5% to 95% RH
Temperature Coefficient .................................................. ±0.02% / °C, max.
Thermal Impedance (See Note 11)
Without Heat-Sink.............................................................. 9.2°C / Watt
With Heat-Sink................................................................... 7.6°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................................................................MIL-STD-810F
MTBF (See Note 1) ........Bellcore TR-NWT-000332............ 1.105 x 10
6 hrs
MIL-STD-217F ............................. 1.511 x 10
5 hrs
UL
TUV
CB
CE MARK
APPLICATIONS
● Telecom/Datacom
● Wireless Networks
● Measurement Equipment
● Industry Control Systems
● Semiconductor Equipment


Similar Part No. - DBW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DBW24D12-40 WALL-DBW24D12-40 Datasheet
162Kb / 3P
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24D15-40 WALL-DBW24D15-40 Datasheet
162Kb / 3P
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S12-40 WALL-DBW24S12-40 Datasheet
162Kb / 3P
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S15-40 WALL-DBW24S15-40 Datasheet
162Kb / 3P
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S3.3-33 WALL-DBW24S3.3-33 Datasheet
162Kb / 3P
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results

Similar Description - DBW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com