Electronic Components Datasheet Search
  English  ▼

X  

PCM-3430 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PCM-3430
Description  Symbios SYM53C895 Small Computer System Integrated chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCM-3430 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PCM-3430 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 6Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCM-3430 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PCM-3430
8
PCM-3430 Installation Guide
BC-599/596
SCSI-2
68-PinConnector
PCM-3430 has a 68 pin connector for the Ultra 2 SCSI connection.
Please pay attention when connecting the SCSI device, because
you must determine the last device on the SCSI chain.
PIN
FUNCTION
PIN
FUNCTION
1
SD+12
35
SD-12
2
SD+13
36
SD-13
3
SD+14
37
SD-14
4
SD+15
38
SD-15
5
SDP+1
39
SDP-1
6
SD+0
40
SD-0
7
SD+1
41
SD-1
8
SD+2
42
SD-2
9
SD+3
43
SD-3
10
SD+4
44
SD-4
11
SD+5
45
SD-5
12
SD+6
46
SD-6
13
SD+7
47
SD-7
14
SDP + 0
48
SDP - 0
15
GND
49
GND
16
DIFS
50
SENIN
17
TPWEX
51
TPWEX
18
TPWEX
52
TPWEX
19
NC
53
NC
20
GND
54
GND
21
SATN+
55
SATN-
22
GND
56
GND
23
SBSY+
57
SBSY-
24
SACK+
58
SACK-
25
SRST+
59
SRST-
26
SMSG+
60
SMSG-
27
SSEL+
61
SSEL-
28
SCD +
62
SCD-
29
SREQ+
63
SREQ-
30
SIO+
64
SIO-
31
SD+8
65
SD-8
32
SD+9
66
SD-9
33
SD+10
67
SD-10
34
SD+11
68
SD-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com