Electronic Components Datasheet Search
  English  ▼

X  

M9155 Datasheet(PDF) 6 Page - Keysight Technologies

Part # M9155
Description  M9155/6/7C PXI Hybrid Switch Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155 Datasheet(HTML) 6 Page - Keysight Technologies

Back Button M9155 Datasheet HTML 2Page - Keysight Technologies M9155 Datasheet HTML 3Page - Keysight Technologies M9155 Datasheet HTML 4Page - Keysight Technologies M9155 Datasheet HTML 5Page - Keysight Technologies M9155 Datasheet HTML 6Page - Keysight Technologies M9155 Datasheet HTML 7Page - Keysight Technologies M9155 Datasheet HTML 8Page - Keysight Technologies M9155 Datasheet HTML 9Page - Keysight Technologies M9155 Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical Specifications
RF input specifications
Input characteristics
M9155C, M9156C, M9157C
Frequency range
DC to 26.5 GHz
Characteristics impedance
50 Ω
Maximum RF carry power (50 Ω)
150 W at 100 MHz at 75 %C
Maximum voltage (cold-switching only)
86.6 Vrms
Maximum carry current (per channel)
1.73 Arms
Initial on path resistance
100 MΩ
Off path resistance > 1
0 MΩ
RF specifications
Model
M9155C
M9156C
M9157C
Switch type
Dual SPDT EM switch
Dual transfer EM switch
Single SP6T EM switch
Keysight 8765C, two each
Keysight L7222C, two each
Keysight L7106C, one
Dimension
1 slot
2 slots
3 slots
Frequency range
DC to 26.5 GHz
DC to 26.5 GHz
DC to 26.5 GHz
Insertion loss
f is frequency in GHz
0.25 + 0.027f
DC: 0.25 dB
8 GHz: 0.47 dB
12.4 GHz: 0.58 dB
18 GHz: 0.74 dB
26.5 GHz: 0.96
0.2 + 0.025f
DC: 0.20 dB
8 GHz: 0.40 dB
12.4 GHz: 0.51 dB
18 GHz: 0.65 dB
26.5 GHz: 0.86 dB
0.3 + 0.015f
DC: 0.30 dB
8 GHz: 0.42 dB
12.4 GHz: 0.49 dB
18 GHz: 0.57 dB
26.5 GHz: 0.70 dB
Isolation
110 - 2.25f
DC: 110 dB
8 GHz: 92 dB
12.4 GHz: 82 dB
18 GHz: 70 dB
26.5 GHz: 50 dB
110 - 2f
DC: 110 dB
8 GHz: 94 dB
12.4 GHz: 85 dB
18 GHz: 74 dB
26.5 GHz: 57 dB
DC - 12 GHz: 90 dB
12 - 15 GHz: 70 dB
15 - 20 GHz: 65 dB
20 - 26.5 GHz: 60 dB
VSWR
DC - 4 GHz: 1.25
4 - 18 GHz: 1.45
18 - 26.5 GHz: 1.70
DC - 2 GHz: 1.10
2 - 4 GHz: 1.15
4 - 12.4 GHz: 1.25
12.4 - 20 GHz: 1.40
20 - 26.5 GHz: 1.65
DC - 4 GHz: 1.20
4 - 12.4 GHz: 1.35
12.4 - 20 GHz: 1.45
20 - 26.5 GHz: 1.70
Operating life
5 million cycles
2 million cycles
2 million cycles
Typical operating life
10 million cycles
5 million cycles
5 million cycles
Insertion loss repeatability
0.03 dB
0.03 dB
0.03 dB
Impedance
50 Ω
50 Ω
50 Ω
RF connectors
3.5 mm (f)
SMA (f)
SMA (f)
Power requirements
Power consumption from the backplane supply is as follows:
Voltage
+3.3 V
+5 V
–12 V
+12 V
Current
0.5 A (typ. 0.2 A)
20 mA (typ. 10 mA)
0
0.4 A (typ. 0.2 A)
General operating data
Maximum power rating
M9155C which contains two each of 8765C
Hot switching
2 W average for switching with power applied
Cold switching
150 W CW at 3 GHz, 25 °C, 120 W CW at 4.2 GHz, 25 °C
06 | Keysight | M9155/6/7C PXI Hybrid Switch Modules DC to 26.5 GHz – Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com