Electronic Components Datasheet Search
  English  ▼

X  

M9155 Datasheet(PDF) 7 Page - Keysight Technologies

Part # M9155
Description  M9362AD01
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155 Datasheet(HTML) 7 Page - Keysight Technologies

Back Button M9155 Datasheet HTML 3Page - Keysight Technologies M9155 Datasheet HTML 4Page - Keysight Technologies M9155 Datasheet HTML 5Page - Keysight Technologies M9155 Datasheet HTML 6Page - Keysight Technologies M9155 Datasheet HTML 7Page - Keysight Technologies M9155 Datasheet HTML 8Page - Keysight Technologies M9155 Datasheet HTML 9Page - Keysight Technologies M9155 Datasheet HTML 10Page - Keysight Technologies M9155 Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Technical Specifications, continued
Environmental and physical specifications
Temperature range
Operating
Non-operating
0 to 55 °C
–40 to 70 °C
Relative humidity
Operating
Non-operating
95% RF at 40 °C, 24 hours cycling, repeated 5 times
95% RH at 40 °C, 5 cycles
Vibration
Operating random
Vibration
Survival random vibration
5—500 Hz, 0.3 g RMS
5—500 Hz, 3.41 g RMS
Shock
End use handling shock
Transportation shock
Half sine wave form, 120 in/s, duration < 3 ms
Trapezoidal, 50 g
Altitude test
Operating/non-operation
15,000 ft (4600 m)
ESD immunity
Air discharge
Direct discharge
15 kV per IEC61000-4-2
8 kV per IEC61000-4-2
Safety
This product has input power below the requirements as specified in the Low Voltage Directive
(2006/95/EC)
EMC
EMC Standard: IEC 61326-1:2005 / EN 61326-1:2006
Emissions: CISPR 11:2003 / EN55011:2007
Immunity: IEC 61000-4-3:2002 / EN 61000-4-3:2002
Electrostatic Discharge: IEC 61000-4-2:2001 / EN
61000-4-2-:1995+A1:1998+A2:2001
EMC/EMI:CE, C-Tick
CE compliance
EMC Compatibility Directive (EMC): 2004/108/EC
Warm-up time
Refer to PXI Chassis warm-up time
Dimensions
M9168C/E
3U PXI/Compact PCI standard
Front panel complies with IEEE 1101.10 certification and compliance.
174.8 x 128.7 x 40.3 mm
Weight
0.93 kg
Contact material
Beryllium copper, gold plated
Connector compatibility
PXI-H, PXI-1, cPCI
07 | Keysight | Programmable Step Attenuator Module M9168C DC to 26.5 GHz, M9168E DC to 50 GHz – Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com