Electronic Components Datasheet Search
  English  ▼

X  

PI6C2410 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2410
Description  PCI-X Clock Buffers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2410 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2410 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2410 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8593B
01/12/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2410
PCI-X Clock Buffers
DC Electrical Characteristics Over Operating Conditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V L
I
e
g
a
t
l
o
V
t
u
p
n
I
w
o
L
8
.
0
V
V H
I
e
g
a
t
l
o
V
t
u
p
n
I
h
g
i
H0
.
2
I L
I
t
n
e
r
r
u
C
t
u
p
n
I
w
o
LV N
I
V
0
=0
5
A
u
I H
I
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
HV N
I
V
=
C
C
0
0
2
V L
O
e
g
a
t
l
o
V
t
u
p
t
u
O
w
o
LV C
C
I
,
V
0
.
3
=
l
o
A
m
2
1
=4
.
0
V
V H
O
e
g
a
t
l
o
V
t
u
p
t
u
O
h
g
i
HV C
C
I
,
V
0
.
3
=
h
o
A
m
2
1
–
=4
.
2
3
3
_
d
d
It
n
e
r
r
u
C
y
l
p
p
u
SCL
F
,
F
p
5
1
=
T
U
O
z
H
M
3
3
=5
2
d
b
tA
m
6
6
_
d
d
It
n
e
r
r
u
C
y
l
p
p
u
SCL
F
,
F
p
5
1
=
T
U
O
z
H
M
6
6
=5
3
0
0
1
_
d
d
It
n
e
r
r
u
C
y
l
p
p
u
SCL
F
,
F
p
5
1
=
T
U
O
z
H
M
0
0
1
=5
4
3
3
1
_
d
d
It
n
e
r
r
u
C
y
l
p
p
u
SCL
F
,
F
p
5
1
=
T
U
O
z
H
M
3
3
1
=0
6
CO
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
6
F
p
CI
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
6
L N
I
P
e
c
n
a
t
c
u
d
n
I
n
i
P
7H
n
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
F N
I
y
c
n
e
u
q
e
r
f
t
u
p
n
I
"
1
"
=
#
F
H
,
.
q
e
r
F
w
o
L0
13
30
4
z
H
M
"
0
"
=
#
F
H
,
.
q
e
r
F
h
g
i
H0
46
60
8
F T
U
O
y
c
n
e
u
q
e
r
f
t
u
p
t
u
O
0
6
1
T D
P
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
PV
@
s
e
g
d
e
g
n
i
s
i
r
N
I
B
F
o
t
N
I
K
L
C
D
D 2
/0
5
1
–0
5
1
s
p
T K
S
w
e
k
s
t
u
p
t
u
Os
e
g
d
e
g
n
i
s
i
r
,
V
4
.
1
@0
0
2
T
P
P
K
S
w
e
k
s
g
k
p
o
t
g
k
PV
@
D
D
N
I
K
L
C
e
m
a
s
,
s
e
g
d
e
g
n
i
s
i
r
,
2
/0
0
4
T C
J
r
e
t
t
i
j
e
l
c
y
C
0
0
2
T C
D
e
l
c
y
c
y
t
u
DV
4
.
1
@5
30
55
6%
TRT
/ F
e
m
i
t
l
l
a
F
/
e
s
i
RV
0
.
2
~
V
8
.
05
.
1s
n
Switching Characteristics (TA = 25°C, VCC = 3.3V ±0.3V, Cl = 15pF, FOUT = 66.67 MHz)
Note: Tjc = Tp(n+1) –Tp(n)
Tdc = Th/Tp
Tp(n) = Period of the nth cycle
Tp = Period cycle time
Tp(n+1) = Period of nth+1 cycle Th = High time @1.4V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com