Electronic Components Datasheet Search
  English  ▼

X  

LP28601 Datasheet(PDF) 11 Page - Lowpower Semiconductor inc

Part # LP28601
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management竊똀dapter Adaptive and OTG
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28601 Datasheet(HTML) 11 Page - Lowpower Semiconductor inc

Back Button LP28601 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 11Page - Lowpower Semiconductor inc LP28601 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LP28601-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 11 of 12
Preliminary Datasheet
LP28601
Battery Temperature Detection
The
LP28601
continuously
monitors
battery
temperature by measuring the voltage between the
NTC pins and ground, typically determined by a
negative temperature coefficient thermistor and an
external voltage divider. The device compares this
voltage against its internal thresholds to determine if
charging is allowed. To initiate a charge cycle, the
battery temperature must be within the VLTF to VHTF
thresholds. There is a constant current source in
NTC which is 100uA(INTC)flowing out form this pin.
So VNTC is INTC×RNTC.
When the NTC fault occurs, the STAT pin will blink to
indicate the fault.
Input Current LIMIT on ILIM and ISET
For safe operation, the LP28601 has an additional
hardware pin on ILIM to limit maximum input current
on ILIM pin. The input maximum current is set by a
resistor from ILIM pin to ground as:
ISET ramming Charge Current
The charge current is RISET rammed using a single
resistor from the ISET pin to ground. The battery
charge current is 1000 times the current out of the
ISET pin. The ISET ram resistor and the charge
current are calculated using the following equations:
Note: VISET is 1.5Volts when VBAT>VTRIKL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com