Electronic Components Datasheet Search
  English  ▼

X  

LPA2010 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LPA2010
Description  Filterless 3W Class- D Mono Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2010 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LPA2010 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2010 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Datasheet LPA2010
LPA2010–00
May.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 9
Electrical Characteristics For Amplifier
(VDD = 5V, RL=4Ω,TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply power
VDD
2.5
5.5
V
Output power
Po
THD+N=10%, f=1KHz,RL=4Ω
VDD=5.0V
3
W
VDD=4.2V
2
VDD=3.7V
1.58
THD+N=1%, f=1KHz,RL=4Ω
VDD=5.0V
2.3
VDD=4.2V
1.6
VDD=3.7V
1.28
THD+N=10%, f=1KHz,RL=8Ω
VDD=5.0V
1.73
VDD=4.2V
1.2
VDD=3.7V
0.92
THD+N=1%, f=1KHz,RL=8Ω
VDD=5.0V
1.42
VDD=4.2V
0.98
VDD=3.7V
0.75
Power supply
ripple rejection
PSRR
INPUT
ac-grounded
with
CIN=0.47uF, VDD=5.0V
f=100HZ
75
dB
f=1KHz
50
Signal-to-nois
e ratio
SNR
VDD=5V,RL=4Ω ,THD=1%
f=1KHz
88
dB
frequency
switching
Fsw
VDD=5V
550
KHz
Output noise
VN
INPUT
ac-grounded
with
CIN=0.47uF,
VDD=5.0V
140
μV
VOS
VDD=5.0V, VSD =0V
5
mV
Shutdown
current
ILEAK
VSD =VDD=5.0V
0.1
uA
Quiescent
current
IQ
VDD=5.0V,No load
2
mA
High-level
input voltage
VSD_H
VDD=5.0V
1
V
Low-level
input voltage
VSD_L
VDD=5.0V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com