Electronic Components Datasheet Search
  English  ▼

X  

PI6C2410L Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2410L
Description  PCI-X Clock Buffers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2410L Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2410L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2410L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2410L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2410L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2410L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2410L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8593B
01/12/05
DIV0
DIV1
HF#
GND
FBIN
GND
VCC
OE0
OE1
CLKIN
VCC
OUT0
GND
GND
OUT2
OUT3
VCC
OE3
OE2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AGND
VCC
FBOUT
OUT1
AVCC
Product Features
• Four synchronous outputs
• Selectabledivider/multiplier
• Output Enable control
• Low phase error < 150 ps
• Allows clock input to have spread spectrum modulation for
EMI reduction
• Low output skew < 200 ps
• Low cycle jitter < 200 ps
• Industrial temperature (–40°C to 85°C)
• 3.3V supply
• Packages (Pb-free and Green available):
24-pin QSOP (Q)
24-pin TSSOP (L)
Product Description
PI6C2410 is a low skew, low jitter, PLL clock buffer with divider or
multiplier designed for PCI-X application in servers and worksta-
tions. There are two selectable input ranges using HF# input: 10-40
MHz and 40-80 MHz. All outputs are synchronized to the input and
to the other outputs. Each output can be independently turned off
to reduce EMI and power consumption.
Block Diagram
Pin Configuration
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PCI-X Clock Buffers
PI6C2410
24-Pin
Q, L
#
F
H1
V
I
D0
V
I
Dx
T
U
ON
I
K
L
Cx
T
U
O
11
1
N
I
K
L
C
z
H
M
3
3
z
H
M
3
3
11
0
N
I
K
L
C
x
2z
H
M
6
6
10
1
N
I
K
L
C
x
3z
H
M
0
0
1
10
0
N
I
K
L
C
x
4z
H
M
3
3
1
01
1
2
/
N
I
K
L
C
z
H
M
6
6
z
H
M
3
3
01
0
N
I
K
L
Cz
H
M
6
6
00
1
N
I
K
L
C
x
5
.
1z
H
M
0
0
1
00
0
N
I
K
L
C
x
2z
H
M
3
3
1
Clock Select Table
OUT0
OUT1
OUT2
OUT3
FBOUT
DIV
OE[0:3]
HF#
CLKIN
FBIN
DIV[0:1]
PLL


Similar Part No. - PI6C2410L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401W PERICOM-PI6C2401W Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401WE PERICOM-PI6C2401WE Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
More results

Similar Description - PI6C2410L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
140 MHz PCI-X clock buffer
2001 May 09
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
140-MHz PCI-X CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
REV. C SEPTEMBER 7, 2004
MK1493-01 ICST-MK1493-01 Datasheet
264Kb / 13P
PCI Clock Generator
Revision 021204
logo
Pericom Semiconductor C...
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
PCI Express Clock
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com