Electronic Components Datasheet Search
  English  ▼

X  

RT1072 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT1072
Description  RT1072 PIR(Passive Infra-Red)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT1072 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT1072 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT1072 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT1072 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT1072 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT1072 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RT1072
PIR CONTROLLER
A020327-V1.0
Rato
5
Preliminary
Maximum Ratings
Symbol
Parameter
Condition
Rating
Unit
VDD
Supply voltage
-0.3 ~ 6
V
VI
Input voltage
-0.3 ~ Vcc+0.3
V
VO
Output voltage
-0.3 ~ Vcc+0.3
V
Pdis
Max. Power Dissipation
Vdd=5V
300
mW
TOP
Operating Temperature
-20 ~ 70
℃
Tst
Storage Temperature
-50 ~ 125
℃
Electrical Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD
Supply voltage
4
5
5.5
V
Vref
Regulated Voltage
Vdd=5V
3
3.2
3.4
V
VIH (CDS)
CDS Input High Voltage
Vdd=5V
1.3
1.7
2.2
V
VIL (CDS)
CDS Input Low Voltage
Vdd=5V
0.6
0.9
1.1
V
Idd
Operating Current
Vdd=5V
No Load,
OSC ON
80
100
150
μA
ISB
Stand By Current
Vdd=5V
No Load,
OSC OFF
40
60
μA
Iref
Source Current of Vref
200
μA
Icds
Source Current of CDS
2.5
3.5
4.5
μA
IOH (relay)
Source Current of Relay
5
mA
IOL (relay)
Sink Current of Relay
5
mA
IOL (triac)
Sink Current of TRIAC
15
mA
fTB
Frequency of TB
12.8
16
19.2
KHz
fTC
Frequency of TC
12.8
16
19.2
KHz
AVO
OP Amp open loop gain
Vdd=5V
100
dB
VOS
OP Amp Input offset
voltage
Vdd=5V
5
mV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com