Electronic Components Datasheet Search
  English  ▼

X  

RTS0072B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTS0072B
Description  VOICE CHANGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTS0072B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTS0072B Datasheet HTML 1Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 2Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 3Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 4Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 5Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RTS0072B
V1.0
Aug/21/1998
2
MAX RATINGS
Operating Voltage range
-0.3V ∼ 5.0V
輸入/輸出電壓
GND-0.2V ∼ VDD+0.2V
Operating Temperature
-10℃ ∼ 60℃
Storage Temperature
-25℃ ∼ 125℃
說明*
本欄參數范圍絕對不允許超出,否則元件將
受到永久性的損坏。同樣不允許在臨界條件
下停留太長時間,否則即使不損坏元件,也
將影響元件的可靠性。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com