Electronic Components Datasheet Search
  English  ▼

X  

ACDBA260-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDBA260-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBA260-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACDBA260-HF Datasheet HTML 1Page - Comchip Technology ACDBA260-HF Datasheet HTML 2Page - Comchip Technology ACDBA260-HF Datasheet HTML 3Page - Comchip Technology ACDBA260-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristics Curvers (ACDBA260-HF)
SMD Schottky Barrier Rectifiers
Page 2
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Forward Voltage, (V)
0.4
0.01
0.1
1.0
10
100
0.7
0
1.5
2.0
0.9
0
100
175
0.5
3.0
0.5
0.8
1.0
Number of Cycles at 60Hz
0
30
50
1
10
100
10
40
20
TJ=25°C
8.3ms single half sine
wave, JEDEC method
25
50
75
150
125
2.5
Pulse Width 300us
2% Duty Cycle
0.6
Fig.3 Maximum Non-repetitive
-
Forward Surge Current
Fig.2 - Typical Forward Characteristics
Percent of Rated Peak Reverse Voltage, (%)
100
80
60
20
0.01
10
100
0.001
40
Fig.1 - Typical Forward Current
Derating Curve
TJ=25°C
1.0
100°C
25°C
0.1
Fig.4 - Typical Reverse Characteristics
Case Temperature, (°C)
AQW-JB012
Reverse Voltage, (V)
0
0
200
10
100
1
100
400
300
500
Fig.5 - Typical Junction Capacitance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com