Electronic Components Datasheet Search
  English  ▼

X  

ACDBA260LR-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBA260LR-HF
Description  Low VF Low IR SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBA260LR-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBA260LR-HF Datasheet HTML 1Page - Comchip Technology ACDBA260LR-HF Datasheet HTML 2Page - Comchip Technology ACDBA260LR-HF Datasheet HTML 3Page - Comchip Technology ACDBA260LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF Low IR SMD Schottky Barrier Rectifiers
Reverse Voltage: 60 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV: A
ACDBA260LR-HF
AQW-JL002
Comchip Technology CO., LTD.
Features
Mechanical data
- High current capability.
- High surge
capability.
current
- Low reverse current.
Repetitive peak reverse voltage
DC blocking voltage
RMS voltage
Unit
Symbol
Parameter
VRRM
VDC
VRMS
V
V
V
Instantaneous forward voltage
IF = 2A, TA=25°C
VF
60
60
42
0.55
V
Operating Temperature range
TJ
-50
°C
Peak forward surge current
Reverse Current
A
A
mA
Parameter
Conditions
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Average forward rectified current
Thermal Resistance
Junction capacitance (Note 1)
VR = VRRM TJ=25°C
,
VR = VRRM T =100°C
, J
f=1MHZ and applied 4V DC reverse Voltage
Junction to case
Symbol
IF
IFSM
IR
RθJC
CJ
IR
MIN.
TYP.
MAX.
mA
°C/W
pF
2
70
0.5
20
30
150
Unit
Halogen free
Company reserves the right to improve product design , functions and reliability without notice.
Conditions
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
MIN.
TYP.
MAX.
+150
Storage temperature range
TSTG
°C
-50
+150
Circuit diagram
- Comply with AEC-Q101
- Case: DO-214AC / SMA, molded plastic.
- Weight: 0.062 grams(approx.).
- Terminals: Lead free plating (Tin finish).
-Solderable per MIL-STD-202, Method 208.
- Epoxy: UL flammability classification rate 94V-0 .
- Polarity: Indicated by cathode band.
Note: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
0.065 (1.65)
0.049 (1.25)
0.110 (2.79)
0.100 (2.54)
0.177 (4.50)
0.157 (3.99)
0.008(0.20)
0.004(0.10)
0.012 (0.305)
0.006 (0.152)
0.208 (5.28)
0.193 (4.90)
0.060 (1.52)
0.030 (0.76)
0.090 (2.29)
0.078 (1.98)
DO-214AC (SMA)
Dimensions in inches and (millimeter)


Similar Part No. - ACDBA260LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBA260LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120LR-HF COMCHIP-CDBA120LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-HF COMCHIP-CDBA220LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA320LR-HF COMCHIP-CDBA320LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB120LR-HF COMCHIP-CDBB120LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBC220LR-HF COMCHIP-CDBC220LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBC320LR-HF COMCHIP-CDBC320LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-H COMCHIP-CDBA220LR-H Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-H COMCHIP-CDBA220LR-H_15 Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA1100LR-HF COMCHIP-ACDBA1100LR-HF Datasheet
93Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com