Electronic Components Datasheet Search
  English  ▼

X  

ACDBA360-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBA360-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBA360-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBA360-HF Datasheet HTML 1Page - Comchip Technology ACDBA360-HF Datasheet HTML 2Page - Comchip Technology ACDBA360-HF Datasheet HTML 3Page - Comchip Technology ACDBA360-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 60 Volts
Forward Current: 3.0 Amp
RoHS Device
Features
Mechanical data
ACDBA360-HF
-
.
High current capability
- High surge capability.
- Low reverse current.
- Case: DO-214AC / SMA, molded plastic.
- Polarity: Cathode band.
- Weight: 0.062 grams(approx.).
- Terminals: Lead free plating (Tin finish).
-Solderable per MIL-STD-202, Method 208.
- Epoxy: UL flammability classification rate 94V-0 .
Halogen free
0.065 (1.65)
0.049 (1.25)
0.110 (2.79)
0.100 (2.54)
0.177 (4.50)
0.157 (3.99)
0.008(0.20)
MAX.
0.012 (0.305)
0.006 (0.152)
0.208 (5.28)
0.193 (4.90)
0.060 (1.52)
0.030 (0.76)
0.090 (2.29)
0.078 (1.98)
Circuit Diagram
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
DC blocking voltage
VDC
60
V
Average forward rectified current
IF
3
A
Typ
VRMS
VRRM
RMS voltage
Repetitive peak reverse voltage
Symbol
Parameter
Conditions
Min
Max
Unit
V
V
42
60
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC method)
IFSM
80
A
Storage temperature range
Operating temperature range
TJ
+125
°C
TSTG
°C
+150
-55
-55
VR =VRRM, TA=25°C
Symbol
Typ
Parameter
Conditions
Min
Max
Unit
Forward voltage
VF
V
IR
mA
0.5
IF = 3A
0.70
Reverse current
Thermal resistance
Junction to case
RθJc
°C/W
25
Junction capacitance
f=1MHZ and applied 4V DC reverse Voltage
CJ
pF
150
- Comply with AEC-Q101
AQW-JB023
Page 1
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD Schottky Barrier Diode
DO-214AC (SMA)
Dimensions in inches and (millimeter)
VR =VRRM, TA=100°C
IR
mA
10
Note: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.


Similar Part No. - ACDBA360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBA3100-HF COMCHIP-ACDBA3100-HF Datasheet
109Kb / 4P
SMD Schottky Barrier Diode
ACDBA340-HF COMCHIP-ACDBA340-HF Datasheet
109Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - ACDBA360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com