Electronic Components Datasheet Search
  English  ▼

X  

ACDBA560-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBA560-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBA560-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBA560-HF Datasheet HTML 1Page - Comchip Technology ACDBA560-HF Datasheet HTML 2Page - Comchip Technology ACDBA560-HF Datasheet HTML 3Page - Comchip Technology ACDBA560-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instantaneous forward voltage
IF = 5A, TA=25°C
VF
0.70
V
Reverse Current
mA
Parameter
Conditions
VR = VRRM TA=25°C
,
VR = VRRM T =100°C
, A
Symbol
IR
IR
MIN.
TYP.
MAX.
mA
0.5
10
Unit
Junction capacitance (Note 1)
f=1MHZ and applied 4V DC reverse Voltage
CJ
pF
250
Note: 1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
Thermal Resistance
Junction to case
RθJC
°C/W
15
Reverse Voltage: 60 Volts
Forward Current: 5.0 Amp
RoHS Device
Page 1
REV: A
ACDBA560-HF
AQW-JB022
Comchip Technology CO., LTD.
Repetitive peak reverse voltage
DC blocking voltage
RMS voltage
Unit
Symbol
Parameter
VRRM
VDC
VRMS
V
V
V
60
60
42
Operating Temperature range
TJ
-55
°C
Peak forward surge current
A
A
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Average forward rectified current
IF
IFSM
5
100
Halogen free
Company reserves the right to improve product design , functions and reliability without notice.
Conditions
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
MIN.
TYP.
MAX.
+125
Storage temperature range
TSTG
°C
-55
+150
Circuit diagram
SMD Schottky Barrier Rectifiers
0.065 (1.65)
0.049 (1.25)
0.110 (2.79)
0.100 (2.54)
0.177 (4.50)
0.157 (3.99)
0.008(0.20)
MAX.
0.012 (0.305)
0.006 (0.152)
0.208 (5.28)
0.193 (4.90)
0.060 (1.52)
0.030 (0.76)
0.090 (2.29)
0.078 (1.98)
DO-214AC (SMA)
Dimensions in inches and (millimeter)
Features
Mechanical data
-
.
High current capability
- High surge capability.
- Low reverse current.
- Case: DO-214AC / SMA, molded plastic.
- Polarity: Cathode band.
- Weight: 0.062 grams(approx.).
- Terminals: Lead free plating (Tin finish).
-Solderable per MIL-STD-202, Method 208.
- Epoxy: UL flammability classification rate 94V-0 .
- Comply with AEC-Q101


Similar Part No. - ACDBA560-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBA1100-HF COMCHIP-ACDBA1100-HF Datasheet
115Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBA1100LR-HF COMCHIP-ACDBA1100LR-HF Datasheet
93Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA1200-HF COMCHIP-ACDBA1200-HF Datasheet
110Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBA140-HF COMCHIP-ACDBA140-HF Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
ACDBA160-HF COMCHIP-ACDBA160-HF Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBA560-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com