Electronic Components Datasheet Search
  English  ▼

X  

ACGRC301-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACGRC301-HF
Description  SMD General Purpose Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACGRC301-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACGRC301-HF Datasheet HTML 1Page - Comchip Technology ACGRC301-HF Datasheet HTML 2Page - Comchip Technology ACGRC301-HF Datasheet HTML 3Page - Comchip Technology ACGRC301-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (ACGRC301-HF Thru.
)
ACGRC307-HF
SMD General Purpose Rectifiers
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Forward Voltage, (V)
0.01
0.1
1.0
10
100
0.9
0.5
0.7
1.0
0.8
Fig.2 - Typical Forward Characteristics
Percent of Rated Peak Reverse Voltage, (%)
20
0.01
10
100
1.0
0.1
Fig.4 - Typical Reverse Characteristics
0.4
AQW-JG008
100
80
60
40
125°C
25°C
Case Temperature, (°C)
0
75
125
0
1.0
5.0
25
50
100
150
2.0
3.0
4.0
Fig.1 - Typical Forward Current
Derating Curve
Number of Cycles at 60Hz
8.3ms Single Half Sine-Wave
0
75
150
10
100
1
50
25
125
Fig.3 - Maximum Non-Repetitive
Forward Surge Current
(JEDEC Method)
TJ=25°C
100
Fig.5 - Typical Junction Capacitance
Reverse Voltage, (V)
0.1
1.0
10
100
60
0
100
20
80
40
85°C
100°C
150°C
0.6
25°C
85°C
125°C
100°C
150°C
REV: B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com