Electronic Components Datasheet Search
  English  ▼

X  

ACURA107-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACURA107-HF
Description  SMD Ultra Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACURA107-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACURA107-HF Datasheet HTML 1Page - Comchip Technology ACURA107-HF Datasheet HTML 2Page - Comchip Technology ACURA107-HF Datasheet HTML 3Page - Comchip Technology ACURA107-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQW-JU002
RATING AND CHARACTERISTIC CURVES (ACURA107-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
SMD Ultra Fast Recovery Rectifiers
Forward Voltage, (V)
0.01
0.1
1
10
100
0.6
1.6
O
TJ=25 C
Pulse width 300μS
1% duty cycle
1.1
Percentage Rated Peak Reverse Voltage, (%)
80
60
20
Fig.4 - Typical Reverse Characteristics
0.01
0.10
1.00
10.00
40
100
100°C
25°C
Fig.3 - Typical Instantaneous Forward
Characteristics
2.1
Reverse Voltage, (V)
Fig.5 - Junction Capacitance
10
100
Fig.6 - Test Circuit Diagram and Reverse Recovery
50W
NONINDUCTIVE
10W
NONINDUCTIVE
(+)
25Vdc
(approx.)
(-)
D.U.T.
1Ω
NON-
INDUCTIVE
OSCILLLISCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
(+)
(-)
NOTES: 1. Rise time=7ns max., input impedance=1 MΩ, 22pF.
2. Rise time=10ns max.,Source impedance=50Ω.
trr
Set time base for
50 / 10nS / cm
1cm
-1.0A
-0.25A
0
+0.5A
10
40
0.1
1.0
20
Time Characteristic
0
30
Company reserves the right to improve product design , functions and reliability without notice.
Number of Cycles at 60Hz
0
20
30
1
10
100
10
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
Case Temperature, (°C)
0
50
25
75
100
150
125
175
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Single phase
Half wave 60Hz
Fig.2 - Maximum Non-Repetitive
Forward Surge Current
40
50
Fig.1 - Typical Forward Current
Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com