Electronic Components Datasheet Search
  English  ▼

X  

ACZRT55C-G Datasheet(PDF) 2 Page - Comchip Technology

Part # ACZRT55C-G
Description  SMD Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACZRT55C-G Datasheet(HTML) 2 Page - Comchip Technology

  ACZRT55C-G Datasheet HTML 1Page - Comchip Technology ACZRT55C-G Datasheet HTML 2Page - Comchip Technology ACZRT55C-G Datasheet HTML 3Page - Comchip Technology ACZRT55C-G Datasheet HTML 4Page - Comchip Technology ACZRT55C-G Datasheet HTML 5Page - Comchip Technology ACZRT55C-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2
REV: B
Electrical Characteristics (TA=25°C unless otherwise noted)
Marking
Code
Part Number
VZT
(Ω)
ZZT@ IZT
IR @ VR
@ IZT
Nom(V)
(mA)
Max.
@ IZK
(mA)
Maximum
Zener Impedance
(µA)
(V)
Zener Voltage
ACZRT55C5V1-G
5.1
5.0
60
1.2
1.0
2.0
2.0
Z2
ACZRT55C15-G
15
5.0
30
13.0
1.0
0.1
10.5
Y4
Reverse Current
Maximum
(Ω)
ZZK
480
200
Min(V)
Max(V)
4.8
13.8
5.4
15.6
ACZRT55C16-G
Min.
Coefficient
Typ. Temp.
@ IZT mV/°C
-2.7
9.2
16
5.0
40
14.0
1.0
0.1
11.2
Y5
200
15.3
17.1
10.4
SMD Zener Diode
AQW-BZ004
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
ACZRT55C18-G
18
5.0
45
16.0
1.0
0.1
12.6
Y6
225
16.8
19.1
12.4
ACZRT55C20-G
20
5.0
55
18.0
1.0
0.1
14.0
Y7
225
18.8
21.2
ACZRT55C22-G
14.4
22
5.0
55
20.0
1.0
0.1
15.4
Y8
250
20.8
23.3
16.4
ACZRT55C24-G
24
5.0
70
22.0
1.0
0.1
16.8
Y9
250
22.8
25.6
18.4
ACZRT55C27-G
27
2.0
80
25.3
0.5
0.1
18.9
Y10
300
25.1
28.9
21.4
ACZRT55C12-G
12
5.0
25
10.0
1.0
0.1
8.0
Y2
150
11.4
12.7
ACZRT55C13-G
6.0
13
5.0
30
11.0
1.0
0.1
8.0
Y3
170
12.4
14.1
7.0
ACZRT55C5V6-G
5.6
5.0
40
2.5
1.0
1.0
2.0
Z3
400
5.2
6.0
-2.0
ACZRT55C6V2-G
6.2
5.0
10
3.7
1.0
3.0
4.0
Z4
150
5.8
6.6
0.4
ACZRT55C6V8-G
6.8
5.0
15
4.5
1.0
2.0
4.0
Z5
80
6.4
7.2
1.2
ACZRT55C7V5-G
7.5
5.0
15
5.3
1.0
1.0
5.0
Z6
80
7.0
7.9
2.5
ACZRT55C8V2-G
8.2
5.0
15
6.2
1.0
0.7
5.0
Z7
80
7.7
8.7
3.2
ACZRT55C9V1-G
9.1
5.0
15
7.0
1.0
0.5
6.0
Z8
100
8.5
9.6
3.8
ACZRT55C11-G
11
5.0
20
9.0
1.0
0.1
8.0
Y1
150
10.4
11.6
5.4
ACZRT55C10-G
10
5.0
20
8.0
1.0
0.2
7.0
Z9
150
9.4
10.6
4.5
ACZRT55C4V6-G
4.6
5.0
90
0
1.0
3.0
1.0
Z18
600
4.3
4.9
-3.5
ACZRT55C4V3-G
4.3
5.0
90
0
1.0
3.0
1.0
Z17
600
4.0
4.6
-3.5
ACZRT55C3V9-G
3.9
5.0
90
0
1.0
3.0
1.0
Z16
600
3.7
4.1
-3.5
ACZRT55C3V6-G
3.6
5.0
90
0
1.0
5.0
1.0
Z15
600
3.4
3.8
-3.5
ACZRT55C3V3-G
3.3
5.0
95
0
1.0
5.0
1.0
Z14
600
3.1
3.5
-3.5
ACZRT55C3V0-G
3.0
5.0
95
0
1.0
10
1.0
Z13
600
2.8
3.2
-3.5
ACZRT55C2V7-G
2.7
5.0
100
0
1.0
20
1.0
Z12
600
2.5
2.9
-3.5
ACZRT55C2V4-G
2.4
5.0
100
0
1.0
50
1.0
Z11
600
2.2
2.6
-3.5
ACZRT55C4V7-G
4.7
5.0
80
0.2
1.0
3.0
2.0
Z1
500
4.4
5.0
-3.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com