Electronic Components Datasheet Search
  English  ▼

X  

SC1485 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1485
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1485 Datasheet HTML 5Page - Semtech Corporation SC1485 Datasheet HTML 6Page - Semtech Corporation SC1485 Datasheet HTML 7Page - Semtech Corporation SC1485 Datasheet HTML 8Page - Semtech Corporation SC1485 Datasheet HTML 9Page - Semtech Corporation SC1485 Datasheet HTML 10Page - Semtech Corporation SC1485 Datasheet HTML 11Page - Semtech Corporation SC1485 Datasheet HTML 12Page - Semtech Corporation SC1485 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
 2004 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
Applications Information (Cont.)
Current Limit Circuit
Current limiting of the SC1485 can be accomplished in
two ways. First, the device can implement on-state re-
sistance of the low-side MOSFET as the current sensing
element (RDS
ON sensing). Second, the device can accept
a resistive element in the low-side source (R
SENSE, resistor
sensing). The second method offers greater accuracy of
the current limit threshold over RDS
ON sensing, at the
added expense of a sense resistor and associated effi-
ciency loss.
Whether RDS
ON sensing or RSENSE resistor sensing is used,
a scaling resistor between LX and ILIM is required. This
resistor, R
ILIM, is connected to a 10uA current source
within the SC1485 through the ILIM pin. This sets a volt-
age drop equal to 10uA times R
ILIM. As the current in-
creases through the lower MOSFET, the phase pin volt-
age will decrease until the offset voltage caused by R
ILIM
is reached and ILIM < PGND. At this point an over-cur-
rent trip signal is issued. Current limiting will prevent the
firing of a DH on-pulse, thereby reducing the switching
frequency. As the frequency decreases, the output volt-
age will drop until an under-voltage shutdown is reached.
The current sensing circuit actually limits the inductor
valley current (see Figure 2). This means that if the cur-
rent limit is set to 10A, the peak current through the
inductor would be 10A plus the peak ripple current, and
the average current through the inductor would be 10A
plus 1/2 the peak-to-peak ripple current. The equations
for setting the valley current and calculating the average
current through the inductor are shown below:
()
ON
ILIM
OC
RDS
R
A
10
Valley
IL
•
µ
=
()
(
)
2
I
Valley
IL
Average
IL
L
OC
OC
∆
+
=
FIGURE 2
FIGURE 3
The schematic of RDS
ON sensing circuit is shown in Fig-
ure 3 with R
ILIM = R1 and RDSON of Q2.
Similarly, for resistor sensing, the current through the
lower MOSFET and the source sense resistor develops a
voltage that opposes the voltage developed across
R
ILIM.When the voltage developed across the RSENSE resis-
tor reaches voltage drop across R
ILIM, an over-current ex-
ists and the high side MOSFET will not be allowed to turn
on. The over-current equation when using an external
sense resistor is:
()
SENSE
ILIM
OC
R
R
A
10
Valley
IL
•
µ
=
Schematic of resistor sensing circuit is shown in Figure 4
with R
ILIM = R1 and RSENSE = R4.
R4
C2
D1
R1
+
C3
+5V
D2
SC1485
FBK
Q1
Q2
+VIN
R3
1
2
3
4
5
6
7
PGND
DL
VDDP
ILIM
LX
DH
BST
+
C1
L1
0.5V - 5.5V
R2
FIGURE 4
ILIMIT
ILOAD
IPEAK
TIME
Valley Current-Limit Threshold Point
C2
0.5V - 5.5V
Q1
SC1485
R2
+
C1
R1
1
2
3
4
5
6
7
PGND
DL
VDDP
ILIM
LX
DH
BST
L1
FBK
+VIN
Q2
D1
+5V
+
C3
R3
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com