Electronic Components Datasheet Search
  English  ▼

X  

T901N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # T901N
Description  Full blocking 50/60Hz over a wide range temperature range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T901N Datasheet(HTML) 1 Page - Infineon Technologies AG

  T901N Datasheet HTML 1Page - Infineon Technologies AG T901N Datasheet HTML 2Page - Infineon Technologies AG T901N Datasheet HTML 3Page - Infineon Technologies AG T901N Datasheet HTML 4Page - Infineon Technologies AG T901N Datasheet HTML 5Page - Infineon Technologies AG T901N Datasheet HTML 6Page - Infineon Technologies AG T901N Datasheet HTML 7Page - Infineon Technologies AG T901N Datasheet HTML 8Page - Infineon Technologies AG T901N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T901N
Date of Publication: 2011-05-02
Revision: 7.0
Seite/page: 1/11
enndaten
Key Parameters
VDRM / VRRM
32
00V … 3600V
ITAVM
940A (TC=85°C)
3570A (TC=55°C)
ITSM
19000A
vT0
1,16V
rT
0,
494mΩ
RthJC
17,0K/kW
Clamping Force
15 … 24kN
Max. Diameter
76mm
Contact Diameter
50mm
Height
26mm
For type designation please refer to actual shortform
catalog
http://www.ifbip.com/catalog
Merkmale
Features
Volle Sperrfähigkeit 50/60Hz über einen weiten
Temperaturbereich
Full blocking 50/60Hz over a wide range temperature
range
Hohe DC Sperrstabilität
High DC blocking stability
Hohe Stoßstrombelastbarkeit
High surge current capability
Hoher Gehäusebruchstrom
High case non-rupture current
Hohe Einschalt di/dt Fähigkeit
High di/dt capability
Typische Anwendungen
Typical Applications
Sanftanlasser
Softstarter
Gleichrichter für Antriebsapplikationen
Rectifier for Drives Applications
Mittelspannungsumrichter
Medium Voltage Drives
Lastgeführte Umrichter
Load Commutating Inverter
Kurzschließer-Applikationen
Crowbar Applications
content of customer DMX code
DMX code
DMX code
digit
digit quantity
serial number
1..7
7
SP material number
8..16
9
datecode (production day)
17..18
2
datecode (production year)
19..20
2
datecode (production month)
21..22
2
vT class
23..26
4
QR class
27..30
4
www.ifbip.com
support@infineon-bip.com
1
2
4 5


Similar Part No. - T901N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T901N EUPEC-T901N Datasheet
197Kb / 9P
Phase Control Thyristor
More results

Similar Description - T901N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T501N INFINEON-T501N Datasheet
251Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 11.0
T1060N INFINEON-T1060N Datasheet
612Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2013-11-22 Revision: 2.2
T1401N INFINEON-T1401N Datasheet
252Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T1451N INFINEON-T1451N Datasheet
253Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 8.0
T1551N INFINEON-T1551N Datasheet
331Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 8.0
T1601N INFINEON-T1601N Datasheet
251Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 7.0
T1800N INFINEON-T1800N Datasheet
419Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2012-11-15 Revision: 3.1
T2251N INFINEON-T2251N Datasheet
254Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
T2851N INFINEON-T2851N Datasheet
352Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2017-03-17 Revision: 9.2
T3441N INFINEON-T3441N Datasheet
255Kb / 11P
Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 6.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com