Electronic Components Datasheet Search
  English  ▼

X  

T1620N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # T1620N
Description  Full blocking 50/60Hz over a wide range temperature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T1620N Datasheet(HTML) 2 Page - Infineon Technologies AG

  T1620N Datasheet HTML 1Page - Infineon Technologies AG T1620N Datasheet HTML 2Page - Infineon Technologies AG T1620N Datasheet HTML 3Page - Infineon Technologies AG T1620N Datasheet HTML 4Page - Infineon Technologies AG T1620N Datasheet HTML 5Page - Infineon Technologies AG T1620N Datasheet HTML 6Page - Infineon Technologies AG T1620N Datasheet HTML 7Page - Infineon Technologies AG T1620N Datasheet HTML 8Page - Infineon Technologies AG T1620N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T1620N
Date of Publication: 2016-05-24
Revision: 3.1
Seite/page: 2/11
enndaten
Elesc h
e Eigenschaften
Elektrische Eigenschaften / electrical properties
Höchstzulässige Werte / maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung
repetitive peak forward off-state and reverse voltage
Tvj = 25°C... Tvj max
VDRM,VRRM
6500 V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
TC = 85°C
ITRMSM
2530 A
Dauergrenzstrom
average on-state current
TC = 85°C
TC = 70°C
TC = 55°C
ITAVM
1610
1970
2290
A
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
ITSM
36000
32000
A
A
Grenzlastintegral
I²t-value
Tvj = 25°C, tP = 10ms
Tvj = Tvj max, tP = 10ms
I²t
6480
5120
10³ A²s
10³ A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
DIN IEC 60747-6
f = 50Hz, iGM = 3A, diG/dt =6A/µs
(diT/dt)cr
150 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
5.Kennbuchstabe / 5
th letter F
(dvD/dt)cr
1000 V/µs
Charakteristische Werte / characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iT = 2000A
vT
max
2,26 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
max.
1,35 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
max.
0,43 m
Ω
Durchlaßkennlinie
400A
 i
F  4000A
on-state characteristic
Tvj = Tvj max
max
A
B
C
D
1,585908
0,000244
-0,113787
0,023413
Zündstrom
gate trigger current
Tvj = 25°C, vD = 12V
IGT
max.
350 mA
Zündspannung
gate trigger voltage
Tvj = 25°C, vD = 12V
VGT
max.
2,5 V
Nicht zündender Steuerstrom
gate non-trigger current
Tvj = Tvj max , vD = 12V
Tvj = Tvj max , vD = 0,5 VDRM
IGD
max.
max.
20
10
mA
mA
Nicht zündende Steuerspannung
gate non-trigger voltage
Tvj = Tvj max , vD = 0,5 VDRM
VGD
max.
0,4 V
Haltestrom
holding current
Tvj = 25°C, vD = 12V
IH
max.
350 mA
Einraststrom
latching current
Tvj = 25°C, vD = 12V, RGK ≥ 10Ω
iGM = 3A, diG/dt = 6A/µs, tg = 20µs
IL
max.
3 A
Vorwärts- und Rückwärts-Sperrstrom
forward off-state and reverse current
Tvj = Tvj max
vD = VDRM, vR = VRRM
iD, iR
max.
600 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25°C,iGM = 3A, diG/dt = 6A/µs
tgd
max.
3 µs
prepared by: HR
date of publication:
2016-05-24
approved by: MS
revision:
3.1
T
T
T
T
i
D
)
1
i
(
Ln
C
i
B
A
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com