Electronic Components Datasheet Search
  English  ▼

X  

T2001N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # T2001N
Description  Full blocking 50/60Hz over a wide range temperature range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T2001N Datasheet(HTML) 2 Page - Infineon Technologies AG

  T2001N Datasheet HTML 1Page - Infineon Technologies AG T2001N Datasheet HTML 2Page - Infineon Technologies AG T2001N Datasheet HTML 3Page - Infineon Technologies AG T2001N Datasheet HTML 4Page - Infineon Technologies AG T2001N Datasheet HTML 5Page - Infineon Technologies AG T2001N Datasheet HTML 6Page - Infineon Technologies AG T2001N Datasheet HTML 7Page - Infineon Technologies AG T2001N Datasheet HTML 8Page - Infineon Technologies AG T2001N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T2001N
Date of Publication: 2011-05-02
Revision: 7.0
Seite/page: 2/11
Elektrische Eigenschaften
Elektrische Eigenschaften / electrical properties
Höchstzulässige Werte / maximum rated values
Periodische Vorwärts- und Rückwärts-Spitzensperrspannung
repetitive peak forward off-state and reverse voltage
Tvj = -40°C... Tvj max
VDRM,VRRM
3200
3400
3600
V
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
TC = 85 °C
ITRMSM
3200 A
Dauergrenzstrom
average on-state current
TC = 85 °C
TC = 70 °C
TC = 55 °C
ITAVM
2040
2490
2890
A
A
A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
ITSM
44000
41000
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
9680
8400
10³ A²s
10³ A²s
Kritische Stromsteilheit
critical rate of rise of on-state current
DIN IEC 60747-6
f = 50 Hz, iGM = 3 A, diG/dt = 6 A/µs
(diT/dt)cr
300 A/µs
Kritische Spannungssteilheit
critical rate of rise of off-state voltage
Tvj = Tvj max, vD = 0,67 VDRM
5.Kennbuchstabe / 5
th letter H
(dvD/dt)cr
1000 V/µs
Charakteristische Werte / characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iT = 2000A
vT
typ.
Max.
1,35
1,5
V
V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
typ.
max.
0,9
1
V
V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
typ.
Max.
0,225
0,250
m
Ω
m
Ω
Durchlaßkennlinie
200A
 i
F  2500A
on-state characteristic
Tvj = Tvj max
typ.
A
-0,0978
B
0,000187
C
0,15
D
-0,00173
max.
A
-0,0981
B
0,000153
C
0,143
D
0,00466
Zündstrom
gate trigger current
Tvj = 25°C, vD = 12 V
IGT
max.
350 mA
Zündspannung
gate trigger voltage
Tvj = 25°C, vD = 12 V
VGT
max.
2,5 V
Nicht zündender Steuerstrom
gate non-trigger current
Tvj = Tvj max , vD = 12 V
Tvj = Tvj max , vD = 0,5 VDRM
IGD
max.
max.
20
10
mA
mA
Nicht zündende Steuerspannung
gate non-trigger voltage
Tvj = Tvj max , vD = 0,5 VDRM
VGD
max.
0,4 V
Haltestrom
holding current
Tvj = 25°C, vD = 12 V
IH
max.
350 mA
Einraststrom
latching current
Tvj = 25°C, vD = 12 V, RGK ≥ 10 Ω
iGM = 3 A, diG/dt = 6 A/µs, tg = 20 µs
IL
max.
3 A
Vorwärts- und Rückwärts-Sperrstrom
forward off-state and reverse current
Tvj = Tvj max
vD = VDRM, vR = VRRM
iD, iR
max.
400 mA
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C,iGM = 3 A, diG/dt = 6 A/µs
tgd
max.
1,5 µs
prepared by: TM
date of publication:
2011-05-02
approved by: JP
revision:
7.0
T
T
T
T
i
D
)
1
i
(
Ln
C
i
B
A
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com