Electronic Components Datasheet Search
  English  ▼

X  

S-818 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-818 Datasheet HTML 9Page - Seiko Instruments Inc S-818 Datasheet HTML 10Page - Seiko Instruments Inc S-818 Datasheet HTML 11Page - Seiko Instruments Inc S-818 Datasheet HTML 12Page - Seiko Instruments Inc S-818 Datasheet HTML 13Page - Seiko Instruments Inc S-818 Datasheet HTML 14Page - Seiko Instruments Inc S-818 Datasheet HTML 15Page - Seiko Instruments Inc S-818 Datasheet HTML 16Page - Seiko Instruments Inc S-818 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Rev.1.2
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Seiko Instruments Inc.
13
(10) RIPPLE REDUCTION RATE
VIN=3V IOUT=30mA CIN=NoneCOUT=2µF 0.5Vp-p Ta=25°C
-100
-80
-60
-40
-20
0
0.1
1
10
100
f (kHz)
Gain
(dB)
S-818A20A
VIN=4V IOUT=30mA C IN=NoneCOUT=2µF 0.5Vp-p Ta=25°C
-100
-80
-60
-40
-20
0
0.1
1
10
100
f (kHz)
Gain
(dB)
S-818A30A
VIN=6V IOUT=30mA CIN=NoneCOUT=2µF 0.5Vp-p Ta=25°C
-100
-80
-60
-40
-20
0
0.1
1
10
100
f (kHz)
Gain
(dB)
S-818A50A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com