Electronic Components Datasheet Search
  English  ▼

X  

SLO2016 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SLO2016
Description  Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLO2016 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLO2016 Datasheet HTML 1Page - Infineon Technologies AG SLO2016 Datasheet HTML 2Page - Infineon Technologies AG SLO2016 Datasheet HTML 3Page - Infineon Technologies AG SLO2016 Datasheet HTML 4Page - Infineon Technologies AG SLO2016 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SLR/SLO/SLG/SLY2016
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
4
March 23, 2000-01
Figure 5. Character Set
Figure 6. Block Diagram
ASCII
CODE
D0
D1
D2
D3
0
0
0
0
0
1
0
0
0
1
0
1
0
0
2
1
1
0
0
3
0
0
1
0
4
1
0
1
0
5
0
1
1
0
6
1
1
1
0
7
0
0
0
1
8
1
0
0
1
9
0
1
0
1
A
1
1
0
1
B
0
0
1
1
C
1
0
1
1
D
0
1
1
1
E
1
1
1
1
F
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
D6 D5 D4 HEX
Notes:
1. High=1 level
2. Low=0 level
3. Upon power up, the device
will initialize in a random state.
3
2
1
0
Display
Rows 0 to 6
Timing and Control Logic
Row Control Logic
&
Row Drivers
Row Decoder
RAM Read Logic
RAM
Memory
ROM
7 Bit ASCII Code
Column Data
D6
D5
D4
D3
D2
D1
D0
128 X 7 Bit ASCII
Character Decode
(4.48K Bits)
BL
CLR
OSC
128
Counter
7
Counter
Display Output Logic
WR
A0
A1
Write
Address
Decoder
4 X 7 Bit
Columns 0 to 19
Address
Bus
÷
÷



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com