Electronic Components Datasheet Search
  English  ▼

X  

SM8121AD Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM8121AD
Description  White LED Driver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8121AD Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM8121AD Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8121AD Datasheet HTML 19Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SM8121A
NIPPON PRECISION CIRCUITS INC.—16
6 LEDs
CIN: 2012Y5VIC 475Z (TDK)
COUT: 2012Y5VIH 105Z (TDK)
L: LQH3N6R8K34 (Murata)
SBD: RB551V-30 (ROHM)
LED: NSCW455 (NICHIA)
SW
VSS
FB
SM8121
SBD
ILED
COUT
1.0
µF
R
VDD
CE
L
6.8
µH
CIN
4.7
µF
VIN
LED
50
55
60
65
70
75
80
85
90
95
100
VIN=4.5V
VIN=3.6V
VIN=2.3V
ILED [mA]
10
0
5
15
20
50
55
60
65
70
75
80
85
90
95
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN [V]
ILED=15mA
ILED=2mA
ILED=5mA
0
5
10
15
20
25
VIN [V]
2.5
3.0
3.5
4.0
4.5
5.0
5.5
R=25
Ω
R=33
Ω
R=50
Ω
R=100
Ω
R=250
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com