Electronic Components Datasheet Search
  English  ▼

X  

UTC Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC
Description  UTC Series Installation Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC Datasheet HTML 1Page - Advantech Co., Ltd. UTC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
UTC Series Installation Accessories
PN
UTC-S01-STAND
UTC-S03-STANDE
UTC-510-STAND0E
UTC-520-STAND1E
Description
Tiltable Desktop Stand
Tiltable Desktop Stand
UTC-510 desktop stand with
adapter holder
UTC-520 desktop stand
VESA Mounting Patterns
75 x 75 mm; 100 x 100 mm
75 x 75 mm
75 x 75 mm
N/A
Dimension
203 x 275 x 227 mm
(8" x 10.83" x 8.94")
203 x 213 x 227 mm
(7.99" x 8.39" x 8.94")
240L x 215W x 290H
230L x 160W x 44H
Weight
1.75kg
2kg
0.85kg
0.4kg
Weight Capacity
15kg
13kg
2.5kg
13kg
Desktop Stand
UTC-S01-STAND
VESA 75 x 75 mm ; 100 x 100 mm
UTC-510-STAND0E
UTC-S03-STANDE
VESA 75 x 75 mm
UTC-520-STAND1E
ƒ Mounting Pattern: 100 x 100 / 75 x 75 mm
ƒ Screw Type: M4
ƒ Material: Steel/Plastic/Aluminum
ƒ Dimension (W x H x D): 203 x 275 x 227 mm (8" x 10.83" x 8.94")
ƒ Weight (Net): 1.75 Kg (3.86lbs)
ƒ Tilt (Hinge): +180° / -2°
ƒ Support Max.Weight: 15kg (33.1lbs)
ƒ Support UTC-515/520 /315/318/320
ƒ Material: Steel
ƒ Dimension: 240L x 215W x 290H
ƒ Weight (Net): 0.85kg
ƒ Support Flat Panel Size: 10"
ƒ Support Max Weight: 2.5kg
ƒ For UTC-510
ƒ Mounting Pattern: 75 x 75 mm
ƒ Screw Type: M4
ƒ Material: Steel/Plastic/Zinc
ƒ Dimension (W x H x D): 203 x 213 x 227 mm (7.99" x 8.39" x 8.94")
ƒ Weight (Net): 1.60 Kg (3.53lbs)
ƒ Tilt (Hinge): +180° / -2°
ƒ Support Max.Weight: 13kg (28.7lbs)
ƒ Support UTC Models: UTC-510 series
ƒ Material: Steel
ƒ Dimension: 230L x 160W x 44H
ƒ Weight (Net): 0.4kg
ƒ Support Max.Weight: 13kg (28.7lbs)
ƒ Support UTC Models: UTC-515 and 520 series
203(W)
227(D)
100
75
Tilt Angle
-2°~180°
96.80
250
230
220
62
Ø3.50
Ø5
Ø11.50
R10
32
R30
18
115.14
9
19
19
3.90
2.10
3.90
2.80
12
15
130
134
140
140.20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com