Electronic Components Datasheet Search
  English  ▼

X  

DCQEB50 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCQEB50
Description  Up to 50 Watts Output Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCQEB50 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCQEB50 Datasheet HTML 1Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 2Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 3Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 4Page - Wall Industries,Inc. DCQEB50 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev B
DCQEB50 Series
50W, Single Outputs
Quarter-Brick Package
DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
03/09/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
CHARACTERISTICS
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
DCQEB50-24Sxx
C1
C2
C3
C4
C5
N/A
N/A
6.8µF/50V
6.8µF/50V
1.5nF/3KV
C6
C7
C8
C9
C10
1.5nF/3KV
6.8µF/50V
6.8µF/50V
6.8µF/50V
0.1µF/50V
C11
C12
C13
C14
C15
0.1µF/50V
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
L1
L2
620µH
620µH
DCQEB50-48Sxx
C1
C2
C3
C4
C5
100µF/100V
1.5µF/100V
1.5µF/100V
1.5µF/100V
1.5nF/3KV
C6
C7
C8
C9
C10
1.5nF/3KV
47µF/100V
1.5µF/100V
1.5µF/100V
0.1µF/50V
C11
C12
C13
C14
C15
0.1µF/50V
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
1.0nF/3KV
L1
L2
620µH
620µH
DCQEB
SERIES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com