Electronic Components Datasheet Search
  English  ▼

X  

DSOS404A Datasheet(PDF) 24 Page - Keysight Technologies

Part # DSOS404A
Description  Infiniium S-Series High-Definition Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOS404A Datasheet(HTML) 24 Page - Keysight Technologies

Back Button DSOS404A Datasheet HTML 20Page - Keysight Technologies DSOS404A Datasheet HTML 21Page - Keysight Technologies DSOS404A Datasheet HTML 22Page - Keysight Technologies DSOS404A Datasheet HTML 23Page - Keysight Technologies DSOS404A Datasheet HTML 24Page - Keysight Technologies DSOS404A Datasheet HTML 25Page - Keysight Technologies DSOS404A Datasheet HTML 26Page - Keysight Technologies DSOS404A Datasheet HTML 27Page - Keysight Technologies DSOS404A Datasheet HTML 28Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Infiniium S-Series Standard Features
15” XGA display makes it easier to view analog and digital
signals as well as spectral and protocol views
Capacitive display makes for responsive touch control and
supports multi-touch gestures
View: Up to 8 waveform windows� Each area can have up
to 16 grids
Drag and drop enables rapid measurements
Measurements
– Over 50 automated measurements
– View up to 20 simultaneously
– User-customizable result window
– (size, position, and information)
– X and Y markers with dynamic delta values
XGA and DisplayPort video output ports
let you add an external monitor
Standard USB 2�0 and 3�0 and LAN ports
provide fast data offload, device support,
and connectivity
Trig in/out ports provide an easy way to
synchronize your oscilloscope to other
instruments
Built-in 10-MHz reference in/out ports
synchronizes multiple measurement
instruments in a system
Analyze
– 20 math operators including FFT and filters
– Up to 16 independent/cascaded math functions
View windows: Analog, math, spectral, and measurement
results (simultaneous, tabbed, or undocked)
Mixed-signal oscilloscope (MSO)
models seamlessly integrate four
analog scope channels with 16 digital
channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com