Electronic Components Datasheet Search
  English  ▼

X  

ST52T410 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Datasheet(HTML) 1 Page - STMicroelectronics

  ST52T410 Datasheet HTML 1Page - STMicroelectronics ST52T410 Datasheet HTML 2Page - STMicroelectronics ST52T410 Datasheet HTML 3Page - STMicroelectronics ST52T410 Datasheet HTML 4Page - STMicroelectronics ST52T410 Datasheet HTML 5Page - STMicroelectronics ST52T410 Datasheet HTML 6Page - STMicroelectronics ST52T410 Datasheet HTML 7Page - STMicroelectronics ST52T410 Datasheet HTML 8Page - STMicroelectronics ST52T410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Rev. 1.7 - January 2003
1/84
PRELIMINARY DATASHEET
ST52T410/T420/E420
8-BIT INTELLIGENT CONTROLLER UNIT (ICU)
Three Timer/PWMs, ADC, WDG
®
Memories
„ Up to 4 Kbytes OTP
„ 128 bytes of RAM
„ Readout Protection
Core
„ Register File Based Architecture
„ 55 instructions
„ Hardware multiplication and division
„ Decision Processor for the implementation of
Fuzzy Logic algorithms
Clock and Power Supply
„ Up to 20 MHz clock frequency.
„ Power Saving features
Interrupts
„ Up to 5 interrupt vectors
„ Top Level External Interrupt (INT)
I/O Ports
„ 19 I/O PINs configurable in Input and Output
mode
„ High current sink/source in all pins.
Peripherals
„ 3 Programmable 8-bit Timer/PWMs with internal
16-bit Prescaler featuring:
– PWM output
– Input capture
– Output compare
– Pulse generator mode
„ On-chip 8-bit Sample and Hold A/D Converter
with 8-channel analog multiplexer (ST52T420/
E420 only)
„ Watchdog timer
Development tools
„ High level Software tools
„ Emulator
„ Low cost Programmer
„ Gang Programmer
ST52T410/T420/
E420


Similar Part No. - ST52T410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
ST52T410G0B6 STMICROELECTRONICS-ST52T410G0B6 Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
ST52T410G0D6 STMICROELECTRONICS-ST52T410G0D6 Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
ST52T410G0M6 STMICROELECTRONICS-ST52T410G0M6 Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
ST52T410G0PY STMICROELECTRONICS-ST52T410G0PY Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
More results

Similar Description - ST52T410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52F510 STMICROELECTRONICS-ST52F510 Datasheet
1Mb / 106P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
Rev. 1.18
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
Rev. 2.9
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
ST52T430 STMICROELECTRONICS-ST52T430 Datasheet
1Mb / 88P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
Rev. 1.9
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
8-Bit MCU,ADC,LCD Controller
logo
STMicroelectronics
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
logo
PADAUK Technology.
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
12-bit ADC Enhanced 8-bit Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com