Electronic Components Datasheet Search
  English  ▼

X  

ST16654 Datasheet(PDF) 2 Page - Exar Corporation

Part # ST16654
Description  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16654 Datasheet(HTML) 2 Page - Exar Corporation

  ST16654 Datasheet HTML 1Page - Exar Corporation ST16654 Datasheet HTML 2Page - Exar Corporation ST16654 Datasheet HTML 3Page - Exar Corporation ST16654 Datasheet HTML 4Page - Exar Corporation ST16654 Datasheet HTML 5Page - Exar Corporation ST16654 Datasheet HTML 6Page - Exar Corporation ST16654 Datasheet HTML 7Page - Exar Corporation ST16654 Datasheet HTML 8Page - Exar Corporation ST16654 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ST16C654/654D
5-66
Rev. 4.10
Figure 1, Package Descriptions
100 Pin QFP Package
64 Pin TQFP Package
68 Pin PLCC Package
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
-RXRDYB
-CDB
-RIB
RXB
CLKSEL
16/-68
A2
A1
A0
XTAL1
XTAL2
MIDICLK
RESET
-RXRDY
-TXRDY
GND
RXC
-RIC
-CDC
-RXRDYC
-RXRDYA
-CDA
-RIA
RXA
GND
D7
D6
D5
D4
D3
D2
D1
D0
INTSEL
VCC
RXD
-RID
-CDD
-RXRDYD
-TXRDYD
ST16C654CQ100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
-DSRA
-CTSA
-DTRA
VCC
-RTSA
INTA
-CSA
TXA
-IOW
-TXB
-CSB
INTB
-RTSB
GND
-DTRB
-CTSB
-DSRD
-CTSD
-DTRD
GND
-RTSD
INTD
-CSD
TXD
-IOR
TXC
-CSC
INTC
-RTSC
VCC
-DTRC
-CTSC
ST16C654CQ64
ST16C654DCQ64
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
-DSRA
-CTSA
-DTRA
VCC
-RTSA
-IRQ
-CS
TXA
R/-W
TXB
A3
N.C.
-RTSB
GND
-DTRB
-CTSB
-DSRB
-DSRD
-CTSD
-DTRD
GND
-RTSD
N.C.
N.C.
TXD
N.C.
TXC
A4
N.C.
-RTSC
VCC
-DTRC
-CTSC
-DSRC
ST16C654CJ68
68 MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com