Electronic Components Datasheet Search
  English  ▼

X  

AMMP-6232 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6232
Description  18 to 32 GHz GaAs High Linearity LNA in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6232 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6232 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer per AMMC-6220 published specifications.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance may
be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise (Гopt)
matching.
5. All tested parameters guaranteed with measurement accuracy +/-1.5 dB for gain and +/-0.4dB for NF
Table 1. RF Electrical Characteristics
TA=25°C, Vdd=4.0V, Idd=135mA, Zo=50 Ω
Parameter
Min
Typ.
Max
Unit
Comment
Small Signal Gain, Gain
19
23
dB
Test Frequency = 20, 26, 29 GHz
Noise Figure into 50 Ω, NF
3
4.5
dB
Test Frequency = 20, 26, 29 GHz
Output Power at 1 dB Gain Compression, P-1dB
18
dBm
Output Power at 3 dB Gain Compression, Psat
20
dBm
Output Third Order Intercept Point, OIP3
29
dBm
Isolation, Iso
-45
dB
Input Return Loss, RLin
-10
dB
Output Return Loss, RLout
-10
dB
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tc) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Min.
Typical
Max.
Unit
Comments
Drain Supply Current, Idd
135
150
mA
Vd = 4.5 V, Under any RF power drive and temperature
Drain Supply Voltage, Vd
3
4
5
V
Gate Bias Current, Ig
0.1
mA
Gate Bias Voltage, Vg
-1.1
-0.95
-0.8
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com