Electronic Components Datasheet Search
  English  ▼

X  

TMC428 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # TMC428
Description  Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMC428 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button TMC428 Datasheet HTML 37Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 38Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 39Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 40Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 41Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 42Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 43Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 44Page - List of Unclassifed Manufacturers TMC428 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
TMC428 DATA SHEET (V. 1.00 / February 12, 2001)
41
Copyright © 2000, TRINAMIC Microchips GmbH
TRINAMIC
M I C R O C H I P S
41
Marking
Product Name
TMC428-I
Product ID (at top and bottom) 56563A
Package Name
SSOP16 – 150 MILS
Internal Package Name
SSOP16_A
Date Code
YYWW (year YY and week WW)
Lot Number (at bottom only)
XXX
Logo
No
Real Size (see note below)
TMC428-I
Trinamic
56563A
Zoomed Size
TMC428-I
Trinamic
56563A
Product Name
TMC428-A
Product ID (at top and bottom) 56563A
Package Name
SSOP16 – 150 MILS
Internal Package Name
SSOP16_A
Date Code
YYWW (year YY and week WW)
Lot Number (at bottom only)
XXX
Logo
No
Real Size (see note below)
TMC428-A
Trinamic
56563A
Zoomed Size
TMC428-A
Trinamic
56563A
Product Name
TMC424-PI24
Product ID
56563A
Package Name
SOIC 24 – 300 MILS
Internal Package Name
SO024_B
Date Code
YYWW (year YY and week WW)
Lot Number
XXX
Logo
Yes
Real Size (see note below)
TMC 428-PI24
Trinamic
®
56563A
XXX YYWW
Zoomed Size
TMC 428-PI24
Trinamic
®
56563A
XXX YYWW
Note: Proposed to be of ‘’Real Size’’ if printed with scale of 100% on paper of DIN-A4 format – but the
printed size may differ depending on the printer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com