Electronic Components Datasheet Search
  English  ▼

X  

LGU-40C Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # LGU-40C
Description  LED Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGU-40C Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  LGU-40C Datasheet HTML 1Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 2Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 3Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 4Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 5Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 6Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 7Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 8Page - PAIRUI GROUP INC. LGU-40C Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical
PRODUCT SPECIFICATION
led power supplies
Part Number
Nominal
Input Range
Output Current
Output Voltage
No Load
Output Voltage
Ripple
Efficiency
Certificate
LGU40-C350
100-277Vac
350mA(80-114Vdc)
125Vdc
5%/50%
89%
CE
, UL, CCC
LGU40-C450
450mA(63-89Vdc)
98Vdc
5%/50%
89%
CE, UL, CCC
100-277Vac
LGU40-C700
700mA(40-57Vdc)
63Vdc
5%/50%
88%
CE, UL, CCC
100-277Vac
100-277Vac
LGU40-C1050
1050mA(27-38Vdc)
45Vdc
5%/50%
88%
CE, UL, CCC
LGU40-C1280
100-277Vac
1280mA(22-31Vdc)
38Vdc
5%/50%
87%
CE, UL, CCC
LGU40-C1400
100-277Vac
1400mA(21-29Vdc)
35Vdc
5%/50%
86%
CE, UL, CCC
LGU40-C1660
100-277Vac
1660mA(17-24Vdc)
31Vdc
5%/50%
86%
CE, UL, CCC
Updated 2016-V1.0-0720
www.pairuigroup.com
Page:2/9
PAIRUI ELECTRONICS
NOTE:
1. Other output models are may available on request;
2. Add suffix “R” for No Flicker Low Ripple(5%);
2. Add suffix “D” for 0-10V dimming, and “A” for 3 in 1 dimming.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com