Electronic Components Datasheet Search
  English  ▼

X  

HCB05 Datasheet(PDF) 1 Page - Allied Components International

Part # HCB05
Description  High Current Beads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HCB05 Datasheet(HTML) 1 Page - Allied Components International

  HCB05 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 08/18/2016
HCB05
High Current Beads
Dimensions:
Inches
(mm)
All specifications subject to change without notice.
Electrical
Impedance Range: HCB05 10Ω to 1500Ω
Tolerance: 25% over entire range
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Temp: -55ºC ~ +125ºC
Rate Current: Based on temp rise not to exceed 30ºC
Rate current is derated as indicated below based on
operating temp.
Features
• 0603 Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• High current capacity
• Wide range of impedance values
• Multi layer technology
• Low DCR
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
Allied
Part
Number
Impedance ()
@ 100MHz
±25%
DCR
( Max)
Rated
Current
(mA)
HCB05-100-RC
HCB05-110-RC
HCB05-190-RC
HCB05-200-RC
HCB05-220-RC
HCB05-250-RC
HCB05-300-RC
HCB05-310-RC
HCB05-400-RC
HCB05-470-RC
HCB05-500-RC
HCB05-560-RC
HCB05-600-RC
HCB05-680-RC
HCB05-700-RC
HCB05-750-RC
HCB05-800-RC
HCB05-900-RC
HCB05-101-RC
HCB05-121-RC
HCB05-151-RC
HCB05-181-RC
HCB05-201-RC
HCB05-221-RC
HCB05-241-RC
HCB05-301-RC
HCB05-331-RC
HCB05-401-RC
HCB05-471-RC
HCB05-501-RC
HCB05-601-RC
HCB05-751-RC
HCB05-102-RC
HCB05-152-RC
10
11
19
20
22
25
30
31
40
47
50
56
60
68
70
75
80
90
100
120
150
180
200
220
240
300
330
400
470
500
600
750
1000
1500
0.02
0.02
0.03
0.03
0.03
0.03
0.03
0.035
0.035
0.04
0.04
0.04
0.04
0.05
0.05
0.05
0.05
0.05
0.05
0.08
0.085
0.09
0.095
0.1
0.12
0.12
0.12
0.12
0.15
0.15
0.2
0.25
0.25
0.4
4000
4000
3000
3000
3000
3000
3000
3000
3000
3000
3000
3000
3000
2500
2500
2500
2500
2500
2500
2500
2000
2000
2000
2000
1500
1500
1500
1500
1500
1200
1000
800
800
500
HCB05
(1.60±0.20)
0.031±0.007
0.011±0.007
0.031
(0.79)
0.041
(1.04)
0.023
(0.58)
Packaging: 4000pcs per 7 inch reel.
(0.8±0.2)
(0.8±0.2)
(0.3±0.2)
0.062±0.0003
0.031±0.007


Similar Part No. - HCB05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB05-100-RC ALLIED-HCB05-100-RC Datasheet
1Mb / 1P
High Current Beads
HCB05-100-RC ALLIED-HCB05-100-RC Datasheet
639Kb / 1P
High Current Beads
HCB05-101-RC ALLIED-HCB05-101-RC Datasheet
1Mb / 1P
High Current Beads
HCB05-101-RC ALLIED-HCB05-101-RC Datasheet
639Kb / 1P
High Current Beads
HCB05-102-RC ALLIED-HCB05-102-RC Datasheet
1Mb / 1P
High Current Beads
More results

Similar Description - HCB05

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y Datasheet
1Mb / 8P
High Current Chip Ferrite Beads
logo
Allied Components Inter...
HCB03-100-RC ALLIED-HCB03-100-RC Datasheet
1Mb / 1P
High Current Beads
HCB10-050-RC ALLIED-HCB10-050-RC Datasheet
1Mb / 1P
High Current Beads
HCB20-070-RC ALLIED-HCB20-070-RC Datasheet
829Kb / 1P
High Current Beads
logo
Vishay Siliconix
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
logo
Allied Components Inter...
HCB03-05 ALLIED-HCB03-05 Datasheet
639Kb / 1P
High Current Beads
HCB10 ALLIED-HCB10 Datasheet
886Kb / 1P
High Current Beads
HSB10 ALLIED-HSB10 Datasheet
467Kb / 1P
High Current Beads
HCB20-50 ALLIED-HCB20-50 Datasheet
386Kb / 1P
High Current Beads
HCB05KF ALLIED-HCB05KF Datasheet
1Mb / 3P
High Current Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com