Electronic Components Datasheet Search
  English  ▼

X  

MPQ4433 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ4433
Description  36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4433 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ4433 Datasheet HTML 20Page - Monolithic Power Systems MPQ4433 Datasheet HTML 21Page - Monolithic Power Systems MPQ4433 Datasheet HTML 22Page - Monolithic Power Systems MPQ4433 Datasheet HTML 23Page - Monolithic Power Systems MPQ4433 Datasheet HTML 24Page - Monolithic Power Systems MPQ4433 Datasheet HTML 25Page - Monolithic Power Systems MPQ4433 Datasheet HTML 26Page - Monolithic Power Systems MPQ4433 Datasheet HTML 27Page - Monolithic Power Systems MPQ4433 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
MPQ4433 - 36V, 3A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4433 Rev. 1.0
www.MonolithicPower.com
24
9/19/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
For simplification, the output voltage ripple can
be estimated with Equation (8):
 
 
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
L C
V
(8)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (9):
 
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
f
L
V
(9)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MPQ4433 can be optimized for a wide range of
capacitance and ESR values.
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For higher efficiency, choose an inductor with a
lower DC resistance. A larger value inductor
results in less ripple current and a lower output
ripple voltage, but also has a larger physical
size,
higher
series
resistance,
and
lower
saturation current. A good rule for determining
the inductor value is to allow the inductor ripple
current
to
be
approximately
30%
of
the
maximum load current. The inductance value
can then be calculated with Equation (10):
 

OUT
OUT
SW
L
IN
VV
L
(1
)
f
I
V
(10)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose the inductor ripple current to be
approximately 30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (11):
 
OUT
OUT
LP
LOAD
SW
IN
VV
I
I
(1
)
2f
L
V
(11)
VIN UVLO Setting
The MPQ4433 has an internal, fixed, under-
voltage lockout (UVLO) threshold. The rising
threshold is 2.8V, while the falling threshold is
about 2.65V. For applications requiring a higher
UVLO
point,
an
external
resistor
divider
between VIN and EN can be used to achieve a
higher equivalent UVLO threshold (see Figure
6).
Figure 6: Adjustable UVLO Using EN Divider
The UVLO threshold can be calculated with
Equation (12) and Equation (13):
EN_RISING
DOWN
UP
RISING
V
R
R
(1
INUV
)
(12)
EN_FALLING
DOWN
UP
FALLING
V
R
R
(1
INUV
)
(13)
Where VEN_RISING = 1.05V, and VEN_FALLING =
0.93V.
External BST Diode
An external BST diode can enhance the
efficiency of the regulator when the duty cycle is
high. A power supply between 2.5V and 5V can
be used to power the external bootstrap diode.
VCC or VOUT is recommended for this power
supply in the circuit (see Figure 7).
CBST
COUT
L
BST
SW
External BST diode
IN4148
VCC / VOUT
VCC
VOUT
RBST
Figure 7: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the recommended BST capacitor
value is 0.1µF to 1μF.
VIN
EN
VIN
RUP
RDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com