Electronic Components Datasheet Search
  English  ▼

X  

MPQ4559DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ4559DN
Description  Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4559DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ4559DN Datasheet HTML 7Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 8Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 9Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 10Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 11Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 12Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 13Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 14Page - Monolithic Power Systems MPQ4559DN Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MPQ4559
– 1.5A, 2MHz, 55V STEP-DOWN CONVERTER AEC-Q100 QUALIFIED
MPQ4559 Rev. 1.01
www.MonolithicPower.com
11
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin. The
voltage divider divides the output voltage down to
the feedback voltage by the ratio:
FB
OUT
R2
V =V
R1+R2
Thus the output voltage is:
OUT
FB
R1+R2
V
=V
R2
For example, the
value for R2 can be 10kΩ. With
this value, R1 can be determined by:
OUT
R1=12.5 (V
-0.8)(K
Ω)
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 31.6kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, the
larger value inductor will have a larger physical
size, higher series resistance, and/or lower
saturation current.
A good rule for determining the inductance to use
is to allow the peak-to-peak ripple current in the
inductor
to
be
approximately
30%
of
the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated by:
OUT
OUT
s
L
IN
VV
L1=
(1-
)
f
ΔI
V
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ∆IL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:


IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors from
various manufacturers. The choice of which style
inductor to use mainly depends on the price vs.
size requirements and any EMI requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com