Electronic Components Datasheet Search
  English  ▼

X  

MPQ4570 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4570 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4570 Datasheet HTML 1Page - Monolithic Power Systems MPQ4570 Datasheet HTML 2Page - Monolithic Power Systems MPQ4570 Datasheet HTML 3Page - Monolithic Power Systems MPQ4570 Datasheet HTML 4Page - Monolithic Power Systems MPQ4570 Datasheet HTML 5Page - Monolithic Power Systems MPQ4570 Datasheet HTML 6Page - Monolithic Power Systems MPQ4570 Datasheet HTML 7Page - Monolithic Power Systems MPQ4570 Datasheet HTML 8Page - Monolithic Power Systems MPQ4570 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MPQ4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MPQ4570 Rev. 1.04
www.MonolithicPower.com
4
1/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ...................................... 60V
VSW..................................... –0.5V to (VIN+0.5V)
VBS ....................................................... VSW + 6V
All Other Pins.................................–0.3V to +6V
EN Sink Current....................................... 150μA
Continuous Power Dissipation
(TA = 25°C) (2)
TSSOP-20 EP.......................................... 2.78W
Junction Temperature...............................150°C
Lead Temperature ...................................260°C
Storage Temperature.............. –65°C to +150°C
Recommended Operating Conditions
Supply Voltage VIN ..........................4.5V to 55V
Output Voltage VOUT........................1V to 0.9·VIN
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
TSSOP-20 EP.........................45 ...... 10 ... °C/W
Notes:
1) Absolute maximum ratings are rated under room
temperature unless otherwise noted. Exceeding these
ratings may damage the device.
2)
The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-
to-ambient thermal resistance θJA, and the ambient
temperature TA. The maximum allowable continuous
power dissipation at any ambient temperature is
calculated by PD (MAX) = (TJ (MAX)-TA)/θJA. Exceeding
the maximum allowable power dissipation will cause
excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com