Electronic Components Datasheet Search
  English  ▼

X  

MPQ4570GF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4570GF
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4570GF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4570GF Datasheet HTML 1Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 2Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 3Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 4Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 5Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 6Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 7Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 8Page - Monolithic Power Systems MPQ4570GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MPQ4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MPQ4570 Rev. 1.04
www.MonolithicPower.com
2
1/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
LOAD CURRENT (mA)
Efficiency vs.
Load Current
VOUT=5V
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
10000
VIN=12V
VIN=24V
VIN=36V
VIN=48V
VIN=55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com