Electronic Components Datasheet Search
  English  ▼

X  

UT80196 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT80196
Description  20MHz 16-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80196 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT80196 Datasheet HTML 1Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 2Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 3Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 4Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 5Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 6Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 7Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 8Page - Aeroflex Circuit Technology UT80196 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
1.0 SIGNAL DESCRIPTION
Port 0 (P0.0 - P0.7): Port 0 is an 8-bit input only port when used
in its default mode. When configured for their alternate function,
five of the bits are bi-directional EDAC check bits as shown in
Table 1.
Port 1 (P1.0 - P1.7): Port 1 is an 8-bit, quasi-bidirectional, I/O
port. All pins are quasi-bidirectional unless the alternate
function is selected per Table 2. When the pins are configured
for their alternate functions, they act as standard I/O, not quasi-
bidirectional.
Port 2 (P2.0 - P2.7):Port 2 is an 8-bit, multifunctional, I/O port.
These pins are shared with timer 2 functions, serial data I/O and
PWM0 output, per Table 3.
AD0-AD7: The lower 8-bits of the multiplexed address/data
bus. The pins on this port are bidirectional during the data phase
of the bus cycle.
AD8-AD15: The upper 8-bits of the multiplexed address/data
bus. The pins on this port are bidirectional during the data phase
of the 16-bit bus cycle. When running in 8-bit bus width, these
pins are non-multiplexed, dedicated upper address bit outputs.
HSI: Inputs to the High Speed Input Unit. Four HSI pins are
available: HSI.0, HSI.1, HSI.2, and HSI.3. Two of these pins
(HSI.2 and HSI.3) are shared with the HSO Unit. Two of these
pins (HSI.0 and HSI.1) have alternate functions for Timer 2.
HSO: Outputs from the High Speed Output Unit. Six HSO pins
are available: HSO.0, HSO.1, HSO.2, HSO.3, HSO.4, and
HSO.5. Pins HSO.4 and HSO.5 are shared with pins HSI.2 and
HSI.3 of the HSI Unit respectively.
Table 1. Port 0 Alternate Functions
Port Pin
Alternate
Name
Alternate Function
P0.0-P0.3,
P0.6
ECB0-ECB4
Error Detection & Correction
Check Bits
P0.4
P0.5
Input Port Pins
P0.7
EXTINT
Setting IOC1.1=1 will allow P0.7
to be used for EXTINT (INT07)
Table 2. Port 1 Alternate Functions
Port
Pin
Alternate
Name
Alternate Function
P1.0
P1.0
I/O Pin
P1.1
P1.1
I/O Pin
P1.2
P1.2
I/O Pin
P1.3
PWM1
Setting IOC3.2=1 enables P1.3 as
the Pulse Width Modulator
(PWM1) output pin.
P1.4
PWM2
Setting IOC3.3=1 enables P1.4 as
the Pulse Width Modulator
(PWM2) output pin.
P1.5
BREQ
Bus Request, output activated
when the bus controller has a
pending external memory cycle.
P1.6
HLDA
Bus Hold Acknowledge, output
indicating the release of the bus.
P1.7
HOLD
Bus Hold, input requesting control
of the bus.
Table 3. Port 2 Alternate Functions
Port
Pin
Alternate
Name
Alternate Function
P2.0
TXD
Transmit Serial Data.
P2.1
RXD
Receive Serial Data.
P2.2
EXTINT
External interrupt. Clearing
IOC1.1 will allow P2.2 to be
used for EXTINT (INT07)
P2.3
T2CLK
Timer 2 clock input and Serial
port baud rate generator input.
P2.4
T2RST
Timer 2 Reset
P2.5
PWM0
Pulse Width Modulator
output 0
P2.6
T2UP-DN
Controls the direction of the
Timer 2 counter. Logic High
equals count down. Logic low
equals count up.
P2.7
T2CAPTURE
A rising edge on P2.7 causes
the value of Timer 2 to be
captured into this register, and
generates a Timer 2 Capture
interrupt (INT11).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com