Electronic Components Datasheet Search
  English  ▼

X  

ZX75-23 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZX75-23
Description  Diplexer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75-23 Datasheet(HTML) 2 Page - Mini-Circuits

  ZX75-23 Datasheet HTML 1Page - Mini-Circuits ZX75-23 Datasheet HTML 2Page - Mini-Circuits ZX75-23 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50Ω
9.8 to 2000 MHz (9.8-10.2, 650-2000 MHz)
Maximum Ratings
Coaxial
ZX75-23+
Diplexer
Applications
• Clock synchronizing signal
• Satellite
• CATV
Electrical Specifications at 25°C
Features
• Low insertion loss
• 50Ω Impedance
• Combination of Low pass and High pass filters
• Connectorized package
CASE STYLE: FL905
Pin Connections
Typical Performance Data at 25°C
Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV.A
M151121
ZX75-23+
EDU1383
URJ
150512
Page 2 of 3
Functional Schematic
Outline Dimensions (
)
inch
mm
Outline Drawing
A
B
C
D
E
F
G
.74
.90
.54
.50
.04
.16
.29
18.80
22.86
13.72
12.70
1.02
4.06
7.37
H
J
K
L
M
N
wt
.37
--
.122
.496
.106
.122 grams
9.40
--
3.10
12.60
2.69
3.10
20.0
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
400mW at 25°C
Parameter
Port
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
Low Pass
9.8-10.2
-
0.5
1.0
dB
High Pass
650-2000
-
0.5
1.0
Return Loss
Low Pass
9.8-10.2
11
18
-
dB
High Pass
650-2000
11
18
-
Common
9.8-10.2
11
18
-
650-2000
11
18
-
Stop Band Isolation
Low Pass
50-2700
20
36
-
dB
650-2000
-
52
-
High Pass
DC-270
20
31
-
dB
9.8-10.2
-
90
-
98-FL Rev.: D (11/08/07) M114353 File: 98-FL.doc
Sheet 1 of 1
This document and its contents are the property of Mini-Circuits.
Case Style
FL
Notes:
1. Case material:
Brass.
2. Case finish: Nickel plate.
CASE #.
AB
C
D
E
F
GH
J
K
L
M
N
WT,
GRAM
FL905
.74
(18.80)
.90
(22.86)
.54
(13.72)
.50
(12.70)
.04
(1.02)
.16
(4.06)
.29
(7.37)
.37
(9.40)
-
-
.122
(3.10)
.496
(12.60)
.106
(2.69)
.122
(3.10)
20.0
Dimensions are in inches (mm). Tolerances: 2Pl. ± .03; 3Pl. ± .015.
Tolerance on hole size and interaxes dimensions to be .005.
Outline Dimensions
FL905
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
RETURN LOSS
(dB)
Low Pass Port
High Pass Port
Common Port
Low Pass Port
High Pass Port
0.5
0.34
93.34
28.34
28.42
0.00
9.8
0.48
93.68
19.95
19.16
0.00
10.2
0.49
95.02
20.18
19.38
0.00
20.0
1.17
98.30
14.16
15.32
0.00
30.0
11.08
92.74
1.20
1.84
0.00
40.0
25.01
90.28
0.39
0.78
0.00
50.0
36.55
86.20
0.25
0.51
0.00
150.0
55.68
59.20
0.06
0.09
0.03
270.0
57.07
31.52
0.09
0.05
0.13
350.0
57.55
18.64
0.22
0.04
0.32
400.0
58.29
11.80
0.57
0.04
0.71
450.0
60.23
6.09
1.76
0.04
1.96
480.0
62.23
3.57
3.40
0.04
3.63
500.0
63.69
2.37
5.05
0.04
5.31
650.0
62.66
0.31
24.49
0.04
26.69
750.0
61.76
0.29
18.54
0.04
19.44
1000.0
60.49
0.24
18.81
0.06
19.65
1250.0
59.18
0.20
21.26
0.07
22.03
1500.0
58.18
0.18
24.37
0.08
25.09
2000.0
55.65
0.24
29.14
0.11
29.69
2200.0
53.76
0.46
36.26
0.12
25.03
2700.0
52.48
0.23
21.59
0.31
21.42
Connectors Model
SMA
ZX75-23-S+
HIGH PASS PORT
1
LOW PASS PORT
2
COMMON PORT
3
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com