Electronic Components Datasheet Search
  English  ▼

X  

U6264BDA07LL Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264BDA07LL
Description  STANDARD 5K X 8 SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264BDA07LL Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  U6264BDA07LL Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264BDA07LL Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
April 20, 2004
U6264B
Standard 8K x 8 SRAM
The U6264B is a static RAM manu-
factured using a CMOS process
technology with the following ope-
rating modes:
- Read
- Standby
- Write
- Data Retention
The memory array is based on a
6-transistor cell.
The circuit is activated by the rising
edge of E2 (at E1 = L), or the falling
edge of E1 (at E2 = H). The
address and control inputs open
simultaneously. According to the
information of W and G, the data
inputs, or outputs, are active. In a
Read cycle, the data outputs are
activated by the falling edge of G,
afterwards the data word read will
be available at the outputs DQ0 -
DQ7. After the address change, the
data outputs go High-Z until the
new read information is available.
The data outputs have no preferred
state. If the memory is driven by
CMOS levels in the active state,
and if there is no change of the
address, data input and control
signals W or G, the operating cur-
rent (at IO = 0 mA) drops to the
value of the operating current in the
Standby mode. The Read cycle is
finished by the falling edge of E2 or
W, or by the rising edge of E1,
respectively.
Data retention is guaranteed down
to 2 V. With the exception of E2, all
inputs consist of NOR gates, so
that no pull-up/pull-down resistors
are required. This gate circuit
allows to achieve low power
standby requirements by activation
with TTL-levels too.
If the circuit is inactivated by
E2 = L, the standby current (TTL)
drops to 150
µA typ.
!
8192 x 8 bit static CMOS RAM
!
70 ns Access Times
!
Common data inputs and
outputs
!
Three-state outputs
!
Typ. operating supply current
70 ns: 10 mA
!
Standby current:
< 2
µA at Ta ≤ 70 °C
!
Data retention current at 2 V:
< 1
µA at Ta ≤ 70 °C
!
TTL/CMOS-compatible
!
Automatic reduction of power
dissipation in long Read or Write
cycles
!
Power supply voltage 5 V
!
Operating temperature ranges:
0 to 70
°C
-40 to 85
°C
-40 to 125 °C
!
QS 9000 Quality Standard
!
ESD protection > 2000 V
(MIL STD 883C M3015.7)
!
Latch-up immunity > 100 mA
!
Packages: PDIP28 (600 mil)
SOP28 (330 mil)
Pin Description
Signal Name
Signal Description
A0 - A12
Address Inputs
DQ0 - DQ7
Data In/Out
E1
Chip Enable 1
E2
Chip Enable 2
G
Output Enable
W
Write Enable
VCC
Power Supply Voltage
VSS
Ground
n.c.
not connected
Pin Configuration
1
n.c.
VCC
28
2
A12
W (WE)
27
4
A6
A8
25
5
A5
A9
24
3
A7
E2 (CE2)
26
6
A4
A11
23
7
A3
G (OE)
22
8
A2
A10
21
12
DQ1
DQ5
17
9
A1
E1 (CE1)
20
10
A0
DQ7
19
11
DQ0
DQ6
18
13
DQ2
DQ4
16
14
VSS
DQ3
15
PDIP
Top View
SOP
Features
Description


Similar Part No. - U6264BDA07LL

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
Automotive 8K x 8 SRAM
U6264ASA07 ZMD-U6264ASA07 Datasheet
167Kb / 8P
Automotive 8K x 8 SRAM
More results

Similar Description - U6264BDA07LL

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
8K x 8 SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
512K x 8 SRAM
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
128K x 8 SRAM
logo
Austin Semiconductor
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com