Electronic Components Datasheet Search
  English  ▼

X  

S2W Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S2W
Description  Standard Recovery SMD Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S2W Datasheet(HTML) 1 Page - Diotec Semiconductor

  S2W Datasheet HTML 1Page - Diotec Semiconductor S2W Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2A ... S2Y | S2G-AQ ... S2M-AQ
S2A ... S2Y | S2G-AQ ... S2M-AQ
Standard Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit Standard-Sperrverzug
IFAV = 2 A
VF
< 1.15 V
Tjmax = 150°C
VRRM = 50...2000 V
IFSM
= 50/55 A
trr
~ 1500 ns
Version 2018-04-16
~ SMB / ~ DO-214AA
Dimensions - Maße [mm]
Typical Applications
50/60 Hz Mains Rectification,
Power Supplies, Polarity Protection
Commercial grade
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
50/60 Hz Netzgleichrichtung,
Stromversorgungen, Verpolschutz
Standardausführung
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
VRRM up to 2000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 2000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data
1)
Mechanische Daten
1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.1 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings
2)
Grenzwerte
2)
Type
Typ
Repetitive peak reverse voltage (AC)
Periodische Spitzensperrspannung (~)
VRRM [V]
Surge peak reverse voltage (AC)
Stoßspitzensperrspannung (~)
VRSM [V]
S2A
50
50
S2B
100
100
S2D
200
200
S2G
S2G-AQ
400
400
S2J
S2J-AQ
600
600
S2K
800
800
S2M
S2M-AQ
1000
1000
S2T
1300
1300
S2W
1600
1600
S2X
1800
1800
S2Y
2000
2000
Max. average forward rectified current – Dauergrenzstrom in Einwegschaltung
TT = 100°C
IFAV
2 A
Repetitive peak forward current – Periodischer Spitzenstr.
f > 15 Hz
TT = 100°C
IFRM
10 A
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
50 A
55 A
Rating for fusing – Grenzlastintegral
t < 10 ms
i2t
12 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1
Type
Typ
4.6
± 0.5
5.4
± 0.5
0.15


Similar Part No. - S2W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S2W DIOTEC-S2W Datasheet
105Kb / 2P
Surface Mount Silicon Rectifier Diodes
S2W DIOTEC-S2W Datasheet
109Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
S2W SEMIKRON-S2W Datasheet
147Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
S2W DIOTEC-S2W Datasheet
150Kb / 2P
Standard Recovery SMD Rectifier Diodes
logo
Shenzhen Luguang Electr...
S2W LUGUANG-S2W Datasheet
1Mb / 2P
Surface Mount Silicon Rectifier Diodes
More results

Similar Description - S2W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GL1A DIOTEC-GL1A_15 Datasheet
141Kb / 2P
Standard Recovery SMD Rectifier Diodes
M1 DIOTEC-M1_15 Datasheet
149Kb / 2P
Standard Recovery SMD Rectifier Diodes
S3A DIOTEC-S3A_15 Datasheet
145Kb / 2P
Standard Recovery SMD Rectifier Diodes
SL1A DIOTEC-SL1A_15 Datasheet
145Kb / 2P
Standard Recovery SMD Rectifier Diodes
S5A DIOTEC-S5A_17 Datasheet
151Kb / 2P
Standard Recovery SMD Rectifier Diodes
S16ASD2 DIOTEC-S16ASD2_17 Datasheet
162Kb / 2P
Standard Recovery SMD Rectifier Diodes
S1A DIOTEC-S1A_18 Datasheet
157Kb / 2P
Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL Datasheet
163Kb / 3P
Standard Recovery SMD Rectifier Diodes
S3ASMB DIOTEC-S3ASMB_18 Datasheet
151Kb / 2P
Standard Recovery SMD Rectifier Diodes
S1YL DIOTEC-S1YL_19 Datasheet
159Kb / 3P
Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com