Electronic Components Datasheet Search
  English  ▼

X  

WT8076 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT8076
Description  Passive Infrared (PIR) Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8076 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT8076 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
WT8076
Passive Infrared (PIR) Controller
Weltrend Semiconductor Inc.
2
eltrend
PIN DESCRIPTION
Pin No.
N16P1
S16P1
N18P1
Name
Descriptions
1
13
1
UOU1
Output of the first stage OP amplifier.
2
14
2
NII1
Non-inverting input of the first stage OP amplifier.
3
15
3
II1
Inverting input of the first stage OP amplifier.
4
16
4
VREF
Reference voltage output.
5
1
5
GND
Ground.
6
2
6
TB
Time Base. A RC oscillaror is connected on this pin.
Typical frequency is 30kHz.
7
3
7
---
No connection.
8
4
8
TCI
Time control input. A RC oscillator is connected on this
pin. It controls the delay time of the light.
9
5
9
TRIAC
Triac control pin. Active low.
10
6
10
RELAY
Relay control pin. Active hight.
11
7
11
ZCD
Zero-crossing input. It detects the zero-crossing point of
the AC line. The ouput of TRIAC pin is synchronous to this
pin.
*
*
12
WKT
Walk-Test function enable/disable. Internal pull low. The
walt-test function is disbled when this pin is high level.
*
*
13
ND
Night and day detection enable/disable. Internal pull low.
The night-and-day detection is disbled when this pin is
high level.
12
8
14
VDD
Power supply.
13
9
15
CDS
Connect a photo-sensitive resistor to detect night time
and day time. If the input level is lower than 1.2V, it is
day time. If the input level is higher than 1.9V, it is night
time.
14
10
16
II2
Inverting input of the second stage OP amplifier.
15
11
17
NII2
Non-inverting input of the second stage OP amplifier.
16
12
18
UOU2
Output of the second stage OP amplifier.
* WT8076N16P1 and WT8076S16P1 : Walk-Test and Night&Day function is always enabled.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com