Electronic Components Datasheet Search
  English  ▼

X  

WM8766EDS Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8766EDS
Description  24 BIT 192KHZ 6 CHANNEL DAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8766EDS Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8766EDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 25Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 26Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 27Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 28Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 29Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 30Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 31Page - Wolfson Microelectronics plc WM8766EDS Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
WM8766
Preliminary Technical Data
w
PTD Rev 2.3 February 2004
28
DIGITAL DE-EMPHASIS CHARACTERISTICS
-10
-8
-6
-4
-2
0
0
2
4
6
8
10
12
14
16
Frequency (kHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
0
2
4
6
8
10
12
14
16
Frequency (kHz)
Figure 22 De-Emphasis Frequency Response (32kHz)
Figure 23 De-Emphasis Error (32KHz)
-10
-8
-6
-4
-2
0
0
5
10
15
20
Frequency (kHz)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5
10
15
20
Frequency (kHz)
Figure 24 De-Emphasis Frequency Response (44.1KHz)
Figure 25 De-Emphasis Error (44.1KHz)
-10
-8
-6
-4
-2
0
0
5
10
15
20
Frequency (kHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
Frequency (kHz)
Figure 26 De-Emphasis Frequency Response (48kHz)
Figure 27 De-Emphasis Error (48kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com