Electronic Components Datasheet Search
  English  ▼

X  

JFW Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFW
Description  Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFW Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFW Datasheet HTML 1Page - Wall Industries,Inc. JFW Datasheet HTML 2Page - Wall Industries,Inc. JFW Datasheet HTML 3Page - Wall Industries,Inc. JFW Datasheet HTML 4Page - Wall Industries,Inc. JFW Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev F
JFW SERIES
Up to 15 Watts
Open Frame DC/DC Power Converters
Single Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
DIP TYPE
PIN CONNECTION
PIN
DEFINE
1
+Vin
2
-Vin
3
Ctrl
4
+Vout
5
Trim
6
-Vout
EXTERNAL OUTPUT TRIMMING
Output can be externally
trimmed by using the method
shown below.
1.
All dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin pitch tolerance ±0.01 (0.25)
4.
Pin dimension tolerance ±0.004 (0.1)
PRODUCT OPTIONS
Option
Suffix
Positive Remote ON/OFF with DIP
(standard)
No
Suffix
Positive remote ON/OFF with SMT
S
Negative Remote ON/OFF with DIP
R
Negative Remote ON/OFF with SMT
SR
DIP type without ON/OFF pin
D
SMT type without ON/OFF pin
SD
DIP type without ON/OFF & TRIM pin
G
SMT type without ON/OFF & TRIM pin
SG
DIP type, negative remote ON/OFF, without
TRIM pin
F
SMT type, negative remote ON/OFF, without
TRIM pin
SF
DIP type, positive remote ON/OFF, without
TRIM pin
J
SMT type, positive remote ON/OFF, without
TRIM pin
SJ
SMT TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com