Electronic Components Datasheet Search
  English  ▼

X  

JFC Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFC
Description  Six-Sided Shielding
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFC Datasheet HTML 1Page - Wall Industries,Inc. JFC Datasheet HTML 2Page - Wall Industries,Inc. JFC Datasheet HTML 3Page - Wall Industries,Inc. JFC Datasheet HTML 4Page - Wall Industries,Inc. JFC Datasheet HTML 5Page - Wall Industries,Inc. JFC Datasheet HTML 6Page - Wall Industries,Inc. JFC Datasheet HTML 7Page - Wall Industries,Inc. JFC Datasheet HTML 8Page - Wall Industries,Inc. JFC Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev F
JFC SERIES
15 Watts
DC DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 11
NOTES
(1)
Typical Value at Nominal Input Voltage and No Load.
(2)
Test by Minimum Vin and Constant Resistive Load.
(3)
Typical Value at Nominal Input Voltage and Full Load.
(4)
Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external
resistor between the Trim pin and either +Vout pin or –Vout pin.
(5)
The ON/OFF Control pin voltage is referenced to –Vin. (See the “Product Standard Table” below for suffix options)
(6)
For Heat Sink option add the suffix “HS” to the part number (Ex: JFC48S5-3000HS)(P/N: 7G-0047C-F). See attached for more details.
(7)
The JFC series can meet EN55022 Class A and Class B with external capacitors connected in parallel to the input pins. See attached for more
details.
(8)
An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. The filter capacitor suggested is Nippon chemi-
con KY series, 220µF/100V.
Caution: This power module is not internally fused. An input line fuse must always be used.
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
JFC48S5-3000 Derating Curve
JFC48S5-3000 Derating Curve With Heat-Sink
EFFICIENCY GRAPHS
JFC48S5-3000 Efficiency vs. Input Voltage
JFC48S5-3000 Efficiency vs. Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com