Electronic Components Datasheet Search
  English  ▼

X  

MMW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # MMW
Description  Single and Dual Output 4:1 Input Voltage Range 25~30 Watt DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MMW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  MMW Datasheet HTML 1Page - Wall Industries,Inc. MMW Datasheet HTML 2Page - Wall Industries,Inc. MMW Datasheet HTML 3Page - Wall Industries,Inc. MMW Datasheet HTML 4Page - Wall Industries,Inc. MMW Datasheet HTML 5Page - Wall Industries,Inc. MMW Datasheet HTML 6Page - Wall Industries,Inc. MMW Datasheet HTML 7Page - Wall Industries,Inc. MMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 8
MMW Series
Single and Dual Output
4:1 Input Voltage Range
25~30 Watt DC/DC Converter
Rev C
FEATURES
● Soft Start
● Output Trim
●
RoHS Compliant
● Six-Sided Shielding
● Efficiency up to 89%
● Single & Dual Outputs
● Remote On/Off Control
● MTBF > 1,000,000 Hours
● Low Profile: 0.37” (9.3mm)
● CSA1950 Safety Approval
● UL60950-1 Safety Approvals
● 4:1 Wide Input Voltage Range
● Complies with EN55022 Class A
● Short Circuit, Over Voltage, and Over Temperature Protected
DESCRIPTION
The MMW series power modules are low-profile dc/dc converters that offer up to 30 watts of output power in a 2 x 1.6 x 0.37 inch package.
These converters operate over input voltage ranges of 10-40VDC and 18-75VDC. This series also provides regulated single and dual
output voltages of 3.3, 5, 12, 15, ±12 and ±15VDC. Other features include remote on/off control, output trim function, six-sided shielding,
and efficiencies up to 89%. All models are over voltage, over temperature and short circuit protected. The EN55022 Class A conducted
noise compliance minimizes design time, cost, and eliminates the need for external filter components. These converters have UL60950-1
approvals and are best suited for data communication equipment, distributed power systems, telecommunications equipment, mixed
analog/digital subsystems, process/machine control equipment, computer peripheral systems, and industrial robot systems.
SPECIFICATIONS: MMW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
24V nominal input models
10
24
40
VDC
Input Voltage Range
48V nominal input models
18
48
75
VDC
24V nominal input models
9.4
9.7
10
VDC
Start Voltage
48V nominal input models
17
17.5
18
VDC
24V nominal input models
9
9.3
9.5
VDC
Under Voltage Shutdown
48V nominal input models
16
16.5
17
VDC
Reverse Polarity Input Current
All models
2
A
Short Circuit Input Power
4500
mW
24V nominal input models
-0.7
50
VDC
Input Surge Voltage
48V nominal input models
-0.7
100
VDC
Input Filter
Pi Filter
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Outputs, Balanced Loads
±0.5
±2.0
%
Output Trim
% of nominal output
±9.0
±10.0
±11.0
%
Load Regulation
Io = 50% to 100%
±0.3
±1.0
%
Line Regulation
Vin = min. to max.
±0.2
±0.5
%
Output Power
30
W
Output Current Range
See Rating Chart
Ripple & Noise (20MHz)
55
80
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
100
mVpk-pk
Ripple & Noise (20MHz)
10
mVrms
Transient Recovery Time
25% load step change
150
300
μs
Transient Response Deviation
±2
±4
%
REMOTE ON/OFF
Supply On
2.5 to 100VDC or Open Circuit
Supply Off
-1
1
VDC
Standby Input Current
2
5
mA
Control Input Current (On)
Vin – RC = 5.0V
5
μA
Control Input Current (Off)
Vin – RC = 0V
-100
μA
Control Common
Referenced to negative input
PROTECTION
Over Power Protection
120
180
%
Short Circuit Protection
Continuous
Over Voltage Protection
See Rating Chart
24V nominal input models
5000mA slow-blow type
Input Fuse Recommendation
48V nominal input models
3000mA slow-blow type


Similar Part No. - MMW

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MMW-HP RUBYCON-MMW-HP Datasheet
95Kb / 3P
METALLIZED POLYESTER FILM CAPACITORS
logo
METZ CONNECT GmbH
MMW360A1A1 METZ-MMW360A1A1 Datasheet
132Kb / 3P
Leiterplattenbuchse M12 IP67 D-kodiert, Fronteinbau PCB Jack M12 IP67 D-coded, front mounting
MMW370A1A1 METZ-MMW370A1A1 Datasheet
159Kb / 4P
Leiterplattenbuchse M12 IP67 D-kodiert, R체ckwandmontage PCB Jack M12 IP67 D-coded, rear wall mounting
logo
Cornell Dubilier Electr...
MMWA CDE-MMWA Datasheet
74Kb / 3P
High Capacitance, High Voltage
MMWA05P15K-F CDE-MMWA05P15K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
More results

Similar Description - MMW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
MDW WALL-MDW Datasheet
256Kb / 3P
Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
RJW WALL-RJW_16 Datasheet
127Kb / 2P
Single and Dual Output 4:1 Input Voltage Range 12 Watt DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com