Electronic Components Datasheet Search
  English  ▼

X  

MPQ Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MPQ
Description  Up to 125 Watts, Quarter-Brick DC/DC Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MPQ Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MPQ Datasheet HTML 1Page - Wall Industries,Inc. MPQ Datasheet HTML 2Page - Wall Industries,Inc. MPQ Datasheet HTML 3Page - Wall Industries,Inc. MPQ Datasheet HTML 4Page - Wall Industries,Inc. MPQ Datasheet HTML 5Page - Wall Industries,Inc. MPQ Datasheet HTML 6Page - Wall Industries,Inc. MPQ Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc.
Rev D
MPQ SERIES
Up to 125 Watts, Quarter-Brick DC/DC Converters
02/15/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
SPECIFICATIONS: MPQ SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
See Table
10-36 VDC Input Voltage Models
9.8
10.0
10.3
UVLO Turn On at
36-75 VDC Input Voltage Models
35.0
VDC
10-36 VDC Input Voltage Models
9.4
9.7
9.9
UVLO Turn Off at
36-75 VDC Input Voltage Models
34.0
VDC
Input Surge Voltage
100ms
50
VDC
External Filter Requirements
none
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Set Point
±Sense shorted to ±Vout
-1
+1
%
Trim
-10
+10
%
Line Regulation
±Sense shorted to ±Vout
-0.2
+0.2
%
Load Regulation
±Sense shorted to ±Vout
-0.2
+0.2
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Ripple & Noise
See Table
Remote Sense Compensation
Measured at the converter output pins
+10
%
Temperature Coefficient
-0.02
+0.02
%/°C
MONOTONIC START-UP ACROSS ALL LOAD RANGES. CAPABLE OF STARTING INTO PRE-BIASED LOADS
PROTECTION
Short Circuit Protection
Continuous pulse-to-pulse (low power dissipation, auto-recovery)
Over Voltage Protection
130
% Vo
Current Limit Inception
130
% Vo
Thermal Shutdown
PCB Temperature
+110
+125
°C
REMOTE ON/OFF
Remote ON
Min High to Enable
1.5
Active High (Standard)
Remote OFF
Max Low to Disable
0.3
VDC
Remote ON
Max Low to Disable
0.8
Active Low (“R” Suffix)
Remote OFF
Min High to Enable
2.1
VDC
Active High
1.6
5.2
Remote ON/OFF Pin Floating
Active Low
Over operating voltage range
2.3
6.2
VDC
Active High
0.15
ION/OFF Sink to Pull Low
Active Low
VON/OFF =0V, Vin=75V
0.6
mA
ION/OFF Source to Drive High
Active High or Active Low
0
mA
GENERAL SPECIFICATIONS
Efficiency
24Vin Models
200
Switching frequency
48Vin Models
330
kHz
Input - Output
For 1 minute
1000
Input – Chassis
For 1 minute
1000
Isolation Voltage
Output - Chassis
1000
VDC
Isolation Resistance
At 25°C
20
GΩ
Isolation Capacitance
0.01
µF
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Semiconductor junction temperature limit
-40
+25
+125
°C
Storage Temperature
-55
+125
°C
Cooling
Free air convection
MTBF
Calculated using Bellcore TR-332 Method 1 case 3
1,250,300 hours min.
PHYSICAL SPECIFICATIONS
Weight
2.15oz (61g)
Open Frame (for 48Vin models only)
2.28 x 1.45 x 0.43 in (57.9 x 36.8 x 10.8 mm)
With Case (Add the suffix “C” to the model number)
2.37 x 1.54 x 0.60 in (60.2 x 39.1 x 15.1 mm)
Dimensions (L x W x H)
With Heatsink (Add the suffix “HS” to the model number)
2.37 x 1.54 x 0.85 in (60.2 x 39.1 x 21.5 mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com